Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7370 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA7370
Description  Digital servo processor and Compact Disc decoder CD7
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7370 Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7370 Datasheet HTML 1Page - NXP Semiconductors SAA7370 Datasheet HTML 2Page - NXP Semiconductors SAA7370 Datasheet HTML 3Page - NXP Semiconductors SAA7370 Datasheet HTML 4Page - NXP Semiconductors SAA7370 Datasheet HTML 5Page - NXP Semiconductors SAA7370 Datasheet HTML 6Page - NXP Semiconductors SAA7370 Datasheet HTML 7Page - NXP Semiconductors SAA7370 Datasheet HTML 8Page - NXP Semiconductors SAA7370 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
1998 Feb 26
5
Philips Semiconductors
Product specification
Digital servo processor and
Compact Disc decoder (CD7)
SAA7370
6
PINNING
SYMBOL
PIN
DESCRIPTION
VSSA1
1(1)
analog ground 1
VDDA1
2(1)
analog supply voltage 1
D1
3
unipolar current input (central diode signal input)
D2
4
unipolar current input (central diode signal input)
D3
5
unipolar current input (central diode signal input)
VRL
6
reference voltage input for ADC
D4
7
unipolar current input (central diode signal input)
R1
8
unipolar current input (satellite diode signal input)
R2
9
unipolar current input (satellite diode signal input)
IrefT
10
current reference output for ADC calibration
VRH
11
reference voltage output from ADC
VSSA2
12(1)
analog ground 2
SELPLL
13
selects whether internal clock multiplier PLL is used
ISLICE
14
current feedback output from data slicer
HFIN
15
comparator signal input
VSSA3
16(1)
analog ground 3
HFREF
17
comparator common mode input
Iref
18
reference current output pin (nominally 0.5VDD)
VDDA2
19(1)
analog supply voltage 2
TEST1
20
test control input 1; this pin should be tied LOW
CRIN
21
crystal/resonator input
CROUT
22
crystal/resonator output
TEST2
23
test control input 2; this pin should be tied LOW
CL16
24
16.9344 MHz system clock output
CL11
25
11.2896 or 5.6448 MHz clock output (3-state)
RA
26
radial actuator output
FO
27
focus actuator output
SL
28
sledge control output
TEST3
29
test control input 3; this pin should be tied LOW
VDDD1(P)
30(1)
digital supply voltage 1 for periphery
DOBM
31
bi-phase mark output (externally buffered; 3-state)
VSSD1
32(1)
digital ground 1
MOTO1
33
motor output 1; versatile (3-state)
MOTO2
34
motor output 2; versatile (3-state)
SBSY
35
subcode block sync output (3-state)
SFSY
36
subcode frame sync output (3-state)
RCK
37
subcode clock input
SUB
38
P-to-W subcode bits output (3-state)
VSSD2
39(1)
digital ground 2
V5
40
versatile output pin 5


Similar Part No. - SAA7370

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
More results

Similar Description - SAA7370

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
   Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
SAA7374 PHILIPS-SAA7374 Datasheet
324Kb / 60P
   Low voltage digital servo processor and Compact Disc decoder CD7LV
1998 Feb 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com