Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR302 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # FR302
Description  3.0A FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR302 Datasheet(HTML) 4 Page - Won-Top Electronics

  FR302 Datasheet HTML 1Page - Won-Top Electronics FR302 Datasheet HTML 2Page - Won-Top Electronics FR302 Datasheet HTML 3Page - Won-Top Electronics FR302 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FR301 – FR307
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
FR301-T3
DO-201AD
1200/Tape & Reel
FR301-TB
DO-201AD
1200/Tape & Box
FR301
DO-201AD
500 Units/Box
FR302-T3
DO-201AD
1200/Tape & Reel
FR302-TB
DO-201AD
1200/Tape & Box
FR302
DO-201AD
500 Units/Box
FR303-T3
DO-201AD
1200/Tape & Reel
FR303-TB
DO-201AD
1200/Tape & Box
FR303
DO-201AD
500 Units/Box
FR304-T3
DO-201AD
1200/Tape & Reel
FR304-TB
DO-201AD
1200/Tape & Box
FR304
DO-201AD
500 Units/Box
FR305-T3
DO-201AD
1200/Tape & Reel
FR305-TB
DO-201AD
1200/Tape & Box
FR305
DO-201AD
500 Units/Box
FR306-T3
DO-201AD
1200/Tape & Reel
FR306-TB
DO-201AD
1200/Tape & Box
FR306
DO-201AD
500 Units/Box
FR307-T3
DO-201AD
1200/Tape & Reel
FR307-TB
DO-201AD
1200/Tape & Box
FR307
DO-201AD
500 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, FR301-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - FR302

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FR302 GULFSEMI-FR302 Datasheet
1Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
logo
Won-Top Electronics
FR302 WTE-FR302 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
FR302 YIXIN-FR302 Datasheet
253Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Micro Commercial Compon...
FR302 MCC-FR302 Datasheet
80Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DIOTEC Electronics Corp...
FR302 DEC-FR302 Datasheet
665Kb / 2P
   Fast switching for high efficiency
More results

Similar Description - FR302

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
BY397 NAINA-BY397 Datasheet
101Kb / 2P
   Fast Recovery Diode, 3.0A
logo
Zibo Seno Electronic En...
FR3A ZSELEC-FR3A Datasheet
122Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY DIODE
RGP30A ZSELEC-RGP30A Datasheet
86Kb / 2P
   3.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR3001G ZSELEC-PR3001G Datasheet
136Kb / 2P
   3.0A GLASS PASSIVATED FAST RECOVERY DIODE
PG300R ZSELEC-PG300R Datasheet
136Kb / 2P
   3.0A GLASS PASSIVATED FAST RECOVERY DIODE
RS3A ZSELEC-RS3A Datasheet
146Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY DIODE
FR301G ZSELEC-FR301G Datasheet
83Kb / 2P
   3.0A GLASS PASSIVATED FAST RECOVERY DIODE
FS3A ZSELEC-FS3A Datasheet
73Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY DIODE
logo
TAITRON Components Inco...
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
   3.0A Fast Recovery Rectifier
logo
SEMTECH ELECTRONICS LTD...
BY396 SEMTECH_ELEC-BY396 Datasheet
142Kb / 2P
   3.0A FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com