Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBL01 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # GBL01
Description  4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBL01 Datasheet(HTML) 1 Page - Won-Top Electronics

  GBL01 Datasheet HTML 1Page - Won-Top Electronics GBL01 Datasheet HTML 2Page - Won-Top Electronics GBL01 Datasheet HTML 3Page - Won-Top Electronics GBL01 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBL00 – GBL10
1 of 4
© 2006 Won-Top Electronics
Pb
GBL00 – GBL10
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
!
Low Forward Voltage Drop
A
!
High Current Capability
H
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
E
+
~
~
-
!
Recognized File # E157705
                
G
D
J
Mechanical Data
P
P
P
!
Case: GBL, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
C
!
Polarity: As Marked on Body
!
Weight: 2.0 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
K
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
L
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
GBL
00
GBL
01
GBL
02
GBL
04
GBL
06
GBL
08
GBL
10
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 50°C
IO
4.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
150
A
Forward Voltage per leg
@IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
5.0
500
µA
Typical Thermal Resistance per leg (Note 1)
RJA
22
°C/W
Typical Thermal Resistance per leg (Note 2)
RJL
3.5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Mounted on 75 x 75 x 3.0mm Al. plate.
2. Mounted on PCB at 9.5mm lead length with 12mm2 copper pad.
WTE
POWER SEMICONDUCTORS
GBL
Dim
Min
Max
A
20.7
20.9
B
10.4
10.7
C
3.25
3.56
D
17.3
18.2
E
1.50
2.03
G
2.03
2.41
H
3.17 x 45°
J
1.02
1.27
K
1.27
1.53
L
0.46
0.56
P
4.8
5.3
All Dimensions in mm


Similar Part No. - GBL01

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBL01 WTE-GBL01 Datasheet
40Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Silicon Standard Corp.
GBL01 SSC-GBL01 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
GeneSiC Semiconductor, ...
GBL01 GENESIC-GBL01 Datasheet
339Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
General Semiconductor
GBL01 GE-GBL01 Datasheet
90Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Gulf Semiconductor
GBL01 GULFSEMI-GBL01 Datasheet
180Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:4.0A
More results

Similar Description - GBL01

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
UG4KB05 SMCDIODE-UG4KB05 Datasheet
385Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
GBU4005 SMCDIODE-GBU4005 Datasheet
334Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
KBU400G WTE-KBU400G_06 Datasheet
51Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBL400G WTE-KBL400G_06 Datasheet
45Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
UG4KB05 SMC-UG4KB05 Datasheet
178Kb / 4P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
GBU4A WTE-GBU4A_06 Datasheet
59Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ4A WTE-GBJ4A Datasheet
61Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
GBU410 DIODES-GBU410 Datasheet
72Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com