Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7371GP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA7371GP
Description  Digital servo processor and Compact Disc decoder CD7
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7371GP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA7371GP Datasheet HTML 6Page - NXP Semiconductors SAA7371GP Datasheet HTML 7Page - NXP Semiconductors SAA7371GP Datasheet HTML 8Page - NXP Semiconductors SAA7371GP Datasheet HTML 9Page - NXP Semiconductors SAA7371GP Datasheet HTML 10Page - NXP Semiconductors SAA7371GP Datasheet HTML 11Page - NXP Semiconductors SAA7371GP Datasheet HTML 12Page - NXP Semiconductors SAA7371GP Datasheet HTML 13Page - NXP Semiconductors SAA7371GP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
1998 Jul 06
10
Philips Semiconductors
Product specification
Digital servo processor and
Compact Disc decoder (CD7)
SAA7371
Fig.5 Data slicer showing typical application components (for n = 4).
22 pF
100
nF
HFIN
HFREF
Iref
ISLICE
22 k
22 k
100 nF
1 nF
1 nF
HF
inputs
crystal
clock
DQ
DPLL
1/2VDD
VSSA
VSS
V
SSA
MBG397
V
DD
100
µA
100
µA
7.4
Demodulator
7.4.1
FRAME SYNC PROTECTION
A double timing system is used to protect the demodulator
from erroneous sync patterns in the serial data.
The master counter is only reset if:
• A sync coincidence detected; sync pattern occurs
588
±1 EFM clocks after the previous sync pattern
• A new sync pattern is detected within ±6 EFM clocks of
its expected position.
The sync coincidence signal is also used to generate the
PLL lock signal, which is active HIGH after 1 sync
coincidence found, and reset LOW if during 61
consecutive frames no sync coincidence is found.
The PLL lock signal can be accessed via the SDA or
STATUS pins selected by register 2 and 7.
Also incorporated in the demodulator is a Run Length 2
(RL2) correction circuit. Every symbol detected as RL2 will
be pushed back to RL3. To do this, the phase error of both
edges of the RL2 symbol are compared and the correction
is executed at the side with the highest error probability.
7.4.2
EFM DEMODULATION
The 14-bit EFM data and subcode words are decoded into
8-bit symbols.


Similar Part No. - SAA7371GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7373GP PHILIPS-SAA7373GP Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
More results

Similar Description - SAA7371GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
   Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
SAA7374 PHILIPS-SAA7374 Datasheet
324Kb / 60P
   Low voltage digital servo processor and Compact Disc decoder CD7LV
1998 Feb 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com