Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC1500S Datasheet(PDF) 3 Page - Won-Top Electronics

Part # GBPC1500S
Description  15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBPC1500S Datasheet(HTML) 3 Page - Won-Top Electronics

  GBPC1500S Datasheet HTML 1Page - Won-Top Electronics GBPC1500S Datasheet HTML 2Page - Won-Top Electronics GBPC1500S Datasheet HTML 3Page - Won-Top Electronics GBPC1500S Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GBPC15S SERIES
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
195 x 195 x 40
80
405 x 205 x 240
800
17.0
WTE
GBPC15xxS
WTE
= Manufacturer’s Logo
GBPC15xxS = Device Number
xx
= 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16
Polarity
= As Marked on Body
-
~
~
+
Note: 1. Paper box, white or brown color.
BULK


Similar Part No. - GBPC1500S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC1500 WTE-GBPC1500 Datasheet
62Kb / 4P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
GBPC1500 CHENG-YI-GBPC1500 Datasheet
167Kb / 2P
   15/25/35 A GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Components Intern...
GBPC1500 FCI-GBPC1500 Datasheet
275Kb / 4P
   15Amps Glass Passivatied Single Phase Silicon Bridge
logo
Zibo Seno Electronic En...
GBPC1500 ZSELEC-GBPC1500 Datasheet
89Kb / 2P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
   Single Phase Bridge Rectifiers
More results

Similar Description - GBPC1500S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC15 WTE-GBPC15 Datasheet
62Kb / 4P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
MB1505G ETC2-MB1505G Datasheet
145Kb / 4P
   15A Single-Phase Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
MB1505GW TAITRON-MB1505GW Datasheet
144Kb / 4P
   15A Single-Phase Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBJ15 NELLSEMI-GBJ15 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 15A
GBU15 NELLSEMI-GBU15 Datasheet
161Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 15A
GBPC15 NELLSEMI-GBPC15 Datasheet
210Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 15A
logo
Won-Top Electronics
GBJ15A WTE-GBJ15A Datasheet
62Kb / 4P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBPC1500 ZSELEC-KBPC1500 Datasheet
387Kb / 2P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBJ15 NELLSEMI-KBJ15 Datasheet
238Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 15A
GBPC15M NELLSEMI-GBPC15M Datasheet
393Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 15A
logo
Naina Semiconductor ltd...
GBPC15 NAINA-GBPC15 Datasheet
209Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 15A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com