Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65808 Datasheet(PDF) 1 Page - EPCOS

Part # B65808
Description  ELP 32/6/20 Core and Accessories (With Clamp Recess)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65808 Datasheet(HTML) 1 Page - EPCOS

  B65808 Datasheet HTML 1Page - EPCOS B65808 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
447 08/01
Core set EELP 32
Combination: ELP 32/6/20 with ELP 32/6/20
I In accordance with IEC 61860
Magnetic characteristics (per set)
Σl/A = 0,32 mm–1
le
= 41,4 mm
Ae
= 130 mm2
Amin = 128 mm2
Ve
= 5390 mm3
Approx. weight 28 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”, page 382)
ELP 32/6/20 + ELP 32/6/20:
Validity range:
K1, K2: 0,10 mm < s < 1,50 mm
K3, K4: 150 nH < AL < 1000 nH
Clamp
Ordering code per piece, 2 pieces required
Ordering code: B65808-J2204
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
(per piece)
N49
3900
± 25 %
990 2360
< 1,40
(50 mT, 500 kHz, 100 °C)
B66287-G-X149
N87
5700
± 25 %
1450 3540
< 3,40
(200 mT, 100 kHz, 100 °C)
B66287-G-X187
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N87
208
– 0,819
367
– 0,796
322
– 0,873
FEK0341-3
6,35±0,15
25,4±0,5
31,75±0,65
ELP 32/6/20
B66287
B65808
Core and Accessories (With Clamp Recess)
ELP 32/6/20


Similar Part No. - B65808

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65808 EPCOS-B65808 Datasheet
479Kb / 13P
   Ferrites and accessories
B65808 EPCOS-B65808 Datasheet
105Kb / 7P
   Ferrites and accessories
B65808 EPCOS-B65808 Datasheet
336Kb / 11P
   Ferrites and accessories
B65808 EPCOS-B65808 Datasheet
567Kb / 17P
   Ferrites and accessories
B65808-A2203 EPCOS-B65808-A2203 Datasheet
344Kb / 13P
   RM cores are supplied in sets
More results

Similar Description - B65808

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66457 EPCOS-B66457 Datasheet
71Kb / 2P
   ELP 32/6/20 Core (Without Clamp Recess)
B66283 EPCOS-B66283 Datasheet
74Kb / 2P
   ELP 18/4/10 Core and Accessories (With Clamp Recess)
B66285 EPCOS-B66285 Datasheet
72Kb / 2P
   ELP 22/6/16 Core (With Clamp Recess)
B66289 EPCOS-B66289 Datasheet
71Kb / 2P
   ELP 38/8/25 Core (With Clamp Recess)
B66293 EPCOS-B66293 Datasheet
71Kb / 2P
   ELP 58/11/38 Core (Without Clamp Recess)
B66461 EPCOS-B66461 Datasheet
71Kb / 2P
   ELP 43/10/28 Core (Without Clamp Recess)
B66281 EPCOS-B66281 Datasheet
71Kb / 2P
   ELP 14/3,5/5 Core (Without Clamp Recess)
B66295 EPCOS-B66295 Datasheet
71Kb / 2P
   ELP 64/10/50 Core (Without Clamp Recess)
B66453 EPCOS-B66453 Datasheet
71Kb / 2P
   ELP 18/4/10 Core (Without Clamp Recess)
B66459 EPCOS-B66459 Datasheet
71Kb / 2P
   ELP 38/8/25 Core (Without Clamp Recess)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com