Electronic Components Datasheet Search |
|
GBPC2502W Datasheet(PDF) 2 Page - Won-Top Electronics |
|
GBPC2502W Datasheet(HTML) 2 Page - Won-Top Electronics |
2 / 4 page GBPC25 SERIES 2 of 4 © 2006 Won-Top Electronics 0.01 0.1 1.0 10 100 0 0.4 0.8 1.0 1.6 1.8 0.6 0.2 1.2 1.4 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element) F T = 25°C j Pulse Width = 300µs 0 100 200 300 400 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current Single Half-Sine Wave (JEDEC Method) T = 150°C j 10 100 1000 0.1 1.0 10 100 V , REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element) R f=1Mhz T = 25°C j 0.01 0.1 1.0 10 100 40 20 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element) T = 125°C j T = 25°C j 0 10 20 30 40 0 25 50 75 100 125 150 T , CASE TEMPERATURE (°C) Fig. 1 Forward. Current Derating Curve C Resistive or Inductive load Mounted on a 127 x 152 x 124 mm AL finned plate |
Similar Part No. - GBPC2502W |
|
Similar Description - GBPC2502W |