Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC2504W Datasheet(PDF) 4 Page - Won-Top Electronics

Part # GBPC2504W
Description  25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBPC2504W Datasheet(HTML) 4 Page - Won-Top Electronics

  GBPC2504W Datasheet HTML 1Page - Won-Top Electronics GBPC2504W Datasheet HTML 2Page - Won-Top Electronics GBPC2504W Datasheet HTML 3Page - Won-Top Electronics GBPC2504W Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GBPC25 SERIES
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
GBPC2500
Square Bridge
50 Units/Box
GBPC2500W
Square Bridge
50 Units/Box
GBPC2501
Square Bridge
50 Units/Box
GBPC2501W
Square Bridge
50 Units/Box
GBPC2502
Square Bridge
50 Units/Box
GBPC2502W
Square Bridge
50 Units/Box
GBPC2504
Square Bridge
50 Units/Box
GBPC2504W
Square Bridge
50 Units/Box
GBPC2506
Square Bridge
50 Units/Box
GBPC2506W
Square Bridge
50 Units/Box
GBPC2508
Square Bridge
50 Units/Box
GBPC2508W
Square Bridge
50 Units/Box
GBPC2510
Square Bridge
50 Units/Box
GBPC2510W
Square Bridge
50 Units/Box
GBPC2512
Square Bridge
50 Units/Box
GBPC2512W
Square Bridge
50 Units/Box
GBPC2514
Square Bridge
50 Units/Box
GBPC2514W
Square Bridge
50 Units/Box
GBPC2516
Square Bridge
50 Units/Box
GBPC2516W
Square Bridge
50 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, GBPC2500-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - GBPC2504W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC2504W PANJIT-GBPC2504W Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes)
logo
HY ELECTRONIC CORP.
GBPC2504W HY-GBPC2504W Datasheet
416Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
GBPC2504W DIODES-GBPC2504W Datasheet
71Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. G-2
logo
ON Semiconductor
GBPC2504W ONSEMI-GBPC2504W Datasheet
329Kb / 7P
   Bridge Rectifiers (Glass Passivated)
July, 2020 - Rev. 2
logo
International Rectifier
GBPC2504W IRF-GBPC2504W Datasheet
73Kb / 6P
   SINGLE PHASE BRIDGE Power Modules
More results

Similar Description - GBPC2504W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC25S WTE-GBPC25S Datasheet
73Kb / 4P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB2505GW TAITRON-MB2505GW Datasheet
144Kb / 4P
   25A Single-Phase Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
GBJ25A WTE-GBJ25A Datasheet
61Kb / 4P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBU25 NELLSEMI-GBU25 Datasheet
160Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
GBPC25 NELLSEMI-GBPC25 Datasheet
212Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
logo
Zibo Seno Electronic En...
GBPC2500 ZSELEC-GBPC2500 Datasheet
89Kb / 2P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBJ25 NELLSEMI-GBJ25 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
GBJ25H NELLSEMI-GBJ25H Datasheet
244Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
GBPC25M NELLSEMI-GBPC25M Datasheet
391Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
logo
Zibo Seno Electronic En...
KBPC2500 ZSELEC-KBPC2500 Datasheet
387Kb / 2P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
GBPC25 NAINA-GBPC25 Datasheet
209Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com