Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC3502W Datasheet(PDF) 1 Page - Won-Top Electronics

Part # GBPC3502W
Description  35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBPC3502W Datasheet(HTML) 1 Page - Won-Top Electronics

  GBPC3502W Datasheet HTML 1Page - Won-Top Electronics GBPC3502W Datasheet HTML 2Page - Won-Top Electronics GBPC3502W Datasheet HTML 3Page - Won-Top Electronics GBPC3502W Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBPC35 SERIES
1 of 4
© 2006 Won-Top Electronics
Pb
GBPC35 SERIES
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
A
A
!
Low Reverse Leakage Current
C
C
!
Low Power Loss, High Efficiency
G
G
!
Electrically Isolated Epoxy Case for
~
~
+
Maximum Heat Dissipation
D
+
C
C
!
Case to Terminal Isolation Voltage 2500V
-
~
-
~
D
!
Recognized File # E157705
                  
H
H
Mechanical Data
E
E
!
Case: Molded Plastic with Heatsink, Available
B
B
in Both Low Profile and Standard Case
!
Terminals: Plated Faston Lugs or Wire Leads,
Add “W” Suffix to Indicate Wire Leads
!
Polarity: As Marked on Case
!
Mounting: Through Hole with #10 Screw
!
Mounting Torque: 23 cm-kg (20 in-lbs) Max.
!
Weight: 21 grams (GBPC); 18 grams (GBPC-W)
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
GBPC35
Characteristic
Symbol
00
01
02
04
06
08
10
12
14
16
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000 1200 1400 1600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
840
980
1120
V
Average Rectified Output Current @TC = 50°C
IO
35
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
400
A
Forward Voltage per leg
@IF = 17.5A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
5.0
500
µA
I2t Rating for Fusing (t < 8.3ms)
I2t
660
A2s
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance per leg (Note 2)
RJC
1.4
°C/W
RMS Isolation Voltage from Case to Leads
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on 229 x 89 x 117mm Al. finned plate.
WTE
POWER SEMICONDUCTORS
GBPC
Low Profile / Standard
GBPC-W
Low Profile / Standard
Dim
Min
Max
Min
Max
A
28.40
28.70
28.40
28.70
B
7.50 / 10.97
8.50 / 11.23
7.50 / 10.97
8.50 / 11.23
C
15.70
16.70
17.10
19.10
D
17.50
18.50
10.90
11.90
E
19.08 / 22.86
21.58 / 25.40
30.50
G
Hole for #10 screw, 5.08Ø Nominal
H
6.35 Typical
0.97Ø
1.07Ø
All Dimension in mm
GBPC
GBPC-W


Similar Part No. - GBPC3502W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3502W PANJIT-GBPC3502W Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
GeneSiC Semiconductor, ...
GBPC3502W GENESIC-GBPC3502W Datasheet
362Kb / 4P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Diodes Incorporated
GBPC3502W DIODES-GBPC3502W Datasheet
70Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. H-2
logo
HY ELECTRONIC CORP.
GBPC3502W HY-GBPC3502W Datasheet
329Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
International Rectifier
GBPC3502W IRF-GBPC3502W Datasheet
73Kb / 6P
   SINGLE PHASE BRIDGE Power Modules
More results

Similar Description - GBPC3502W

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBPC35M NELLSEMI-GBPC35M Datasheet
391Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Zibo Seno Electronic En...
KBPC3500 ZSELEC-KBPC3500 Datasheet
389Kb / 2P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nanjing International G...
GBPC3500 DGNJDZ-GBPC3500 Datasheet
7Mb / 2P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC35S WTE-GBPC35S Datasheet
73Kb / 4P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB3505GW TAITRON-MB3505GW Datasheet
145Kb / 4P
   35A Single-Phase Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBPC35 NELLSEMI-GBPC35 Datasheet
215Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Naina Semiconductor ltd...
GBPC35 NAINA-GBPC35 Datasheet
210Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Nell Semiconductor Co.,...
GBJ35H NELLSEMI-GBJ35H Datasheet
244Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Won-Top Electronics
GBJ35A WTE-GBJ35A Datasheet
57Kb / 4P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
MB3505GW ETC2-MB3505GW Datasheet
145Kb / 4P
   35A Single-Phase Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com