Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC3510W Datasheet(PDF) 4 Page - Won-Top Electronics

Part # GBPC3510W
Description  35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBPC3510W Datasheet(HTML) 4 Page - Won-Top Electronics

  GBPC3510W Datasheet HTML 1Page - Won-Top Electronics GBPC3510W Datasheet HTML 2Page - Won-Top Electronics GBPC3510W Datasheet HTML 3Page - Won-Top Electronics GBPC3510W Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GBPC35 SERIES
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
GBPC3500
Square Bridge
50 Units/Box
GBPC3500W
Square Bridge
50 Units/Box
GBPC3501
Square Bridge
50 Units/Box
GBPC3501W
Square Bridge
50 Units/Box
GBPC3502
Square Bridge
50 Units/Box
GBPC3502W
Square Bridge
50 Units/Box
GBPC3504
Square Bridge
50 Units/Box
GBPC3504W
Square Bridge
50 Units/Box
GBPC3506
Square Bridge
50 Units/Box
GBPC3506W
Square Bridge
50 Units/Box
GBPC3508
Square Bridge
50 Units/Box
GBPC3508W
Square Bridge
50 Units/Box
GBPC3510
Square Bridge
50 Units/Box
GBPC3510W
Square Bridge
50 Units/Box
GBPC3512
Square Bridge
50 Units/Box
GBPC3512W
Square Bridge
50 Units/Box
GBPC3514
Square Bridge
50 Units/Box
GBPC3514W
Square Bridge
50 Units/Box
GBPC3516
Square Bridge
50 Units/Box
GBPC3516W
Square Bridge
50 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, GBPC3500-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - GBPC3510W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3510W PANJIT-GBPC3510W Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Micro Commercial Compon...
GBPC3510W MCC-GBPC3510W Datasheet
292Kb / 3P
   35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
logo
Diodes Incorporated
GBPC3510W DIODES-GBPC3510W Datasheet
70Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. H-2
logo
GeneSiC Semiconductor, ...
GBPC3510W GENESIC-GBPC3510W Datasheet
341Kb / 4P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
International Rectifier
GBPC3510W IRF-GBPC3510W Datasheet
73Kb / 6P
   SINGLE PHASE BRIDGE Power Modules
More results

Similar Description - GBPC3510W

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBPC35M NELLSEMI-GBPC35M Datasheet
391Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Zibo Seno Electronic En...
KBPC3500 ZSELEC-KBPC3500 Datasheet
389Kb / 2P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nanjing International G...
GBPC3500 DGNJDZ-GBPC3500 Datasheet
7Mb / 2P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC35S WTE-GBPC35S Datasheet
73Kb / 4P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB3505GW TAITRON-MB3505GW Datasheet
145Kb / 4P
   35A Single-Phase Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBPC35 NELLSEMI-GBPC35 Datasheet
215Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Naina Semiconductor ltd...
GBPC35 NAINA-GBPC35 Datasheet
210Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Nell Semiconductor Co.,...
GBJ35H NELLSEMI-GBJ35H Datasheet
244Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Won-Top Electronics
GBJ35A WTE-GBJ35A Datasheet
57Kb / 4P
   35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
MB3505GW ETC2-MB3505GW Datasheet
145Kb / 4P
   35A Single-Phase Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com