Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC5004W Datasheet(PDF) 4 Page - Won-Top Electronics

Part # GBPC5004W
Description  50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBPC5004W Datasheet(HTML) 4 Page - Won-Top Electronics

  GBPC5004W Datasheet HTML 1Page - Won-Top Electronics GBPC5004W Datasheet HTML 2Page - Won-Top Electronics GBPC5004W Datasheet HTML 3Page - Won-Top Electronics GBPC5004W Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GBPC50 SERIES
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
GBPC5000
Square Bridge
50 Units/Box
GBPC5000W
Square Bridge
50 Units/Box
GBPC5001
Square Bridge
50 Units/Box
GBPC5001W
Square Bridge
50 Units/Box
GBPC5002
Square Bridge
50 Units/Box
GBPC5002W
Square Bridge
50 Units/Box
GBPC5004
Square Bridge
50 Units/Box
GBPC5004W
Square Bridge
50 Units/Box
GBPC5006
Square Bridge
50 Units/Box
GBPC5006W
Square Bridge
50 Units/Box
GBPC5008
Square Bridge
50 Units/Box
GBPC5008W
Square Bridge
50 Units/Box
GBPC5010
Square Bridge
50 Units/Box
GBPC5010W
Square Bridge
50 Units/Box
GBPC5012
Square Bridge
50 Units/Box
GBPC5012W
Square Bridge
50 Units/Box
GBPC5014
Square Bridge
50 Units/Box
GBPC5014W
Square Bridge
50 Units/Box
GBPC5016
Square Bridge
50 Units/Box
GBPC5016W
Square Bridge
50 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, GBPC5000-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - GBPC5004W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GBPC5004W ETC2-GBPC5004W Datasheet
151Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Kingtronics Internation...
GBPC5004W KINGTRONICS-GBPC5004W Datasheet
374Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
logo
Suntan Capacitors
GBPC5004W SUNTAN-GBPC5004W Datasheet
260Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
GBPC5004W GENESIC-GBPC5004W Datasheet
354Kb / 4P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
HY ELECTRONIC CORP.
GBPC5004W HY-GBPC5004W Datasheet
337Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - GBPC5004W

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBPC5000 ZSELEC-GBPC5000 Datasheet
90Kb / 2P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC5000 ZSELEC-KBPC5000 Datasheet
389Kb / 2P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC50S WTE-GBPC50S Datasheet
73Kb / 4P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
GBPC50 NAINA-GBPC50 Datasheet
209Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Nell Semiconductor Co.,...
GBPC50M NELLSEMI-GBPC50M Datasheet
386Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
GBPC50 NELLSEMI-GBPC50 Datasheet
157Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Leshan Radio Company
S15VB10 LRC-S15VB10 Datasheet
45Kb / 2P
   High Current Glass Passivated Single-Phase Bridge Rectifier
S25VB10 LRC-S25VB10 Datasheet
80Kb / 1P
   High Current Glass Passivated Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
MTP50A1 NELLSEMI-MTP50A1 Datasheet
699Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 50A
MTP50W NELLSEMI-MTP50W Datasheet
395Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 50A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com