Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC4010 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # GBPC4010
Description  40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBPC4010 Datasheet(HTML) 1 Page - Won-Top Electronics

  GBPC4010 Datasheet HTML 1Page - Won-Top Electronics GBPC4010 Datasheet HTML 2Page - Won-Top Electronics GBPC4010 Datasheet HTML 3Page - Won-Top Electronics GBPC4010 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBPC40 SERIES
1 of 4
© 2006 Won-Top Electronics
Pb
GBPC40 SERIES
40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
A
A
!
Low Reverse Leakage Current
C
C
!
Low Power Loss, High Efficiency
G
G
!
Electrically Isolated Epoxy Case for
~
~
+
Maximum Heat Dissipation
D
+
C
C
!
Case to Terminal Isolation Voltage 2500V
-
~
-
~
D
!
Recognized File # E157705
                  
H
H
Mechanical Data
E
E
!
Case: Molded Plastic with Heatsink, Available
B
B
in Both Low Profile and Standard Case
!
Terminals: Plated Faston Lugs or Wire Leads,
Add “W” Suffix to Indicate Wire Leads
!
Polarity: As Marked on Case
!
Mounting: Through Hole with #10 Screw
!
Mounting Torque: 23 cm-kg (20 in-lbs) Max.
!
Weight: 21 grams (GBPC); 18 grams (GBPC-W)
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
GBPC40
Characteristic
Symbol
00
01
02
04
06
08
10
12
14
16
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000 1200 1400 1600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
840
980
1120
V
Average Rectified Output Current @TC = 50°C
IO
40
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
400
A
Forward Voltage per leg
@IF = 20A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
5.0
500
µA
I2t Rating for Fusing (t < 8.3ms)
I2t
660
A2s
Typical Junction Capacitance (Note 1)
Cj
400
pF
Typical Thermal Resistance per leg (Note 2)
RJC
1.4
°C/W
RMS Isolation Voltage from Case to Leads
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on 229 x 102 x 117mm Al. finned plate.
WTE
POWER SEMICONDUCTORS
GBPC
Low Profile / Standard
GBPC-W
Low Profile / Standard
Dim
Min
Max
Min
Max
A
28.40
28.70
28.40
28.70
B
7.50 / 10.97
8.50 / 11.23
7.50 / 10.97
8.50 / 11.23
C
15.70
16.70
17.10
19.10
D
17.50
18.50
10.90
11.90
E
19.08 / 22.86
21.58 / 25.40
30.50
G
Hole for #10 screw, 5.08Ø Nominal
H
6.35 Typical
0.97Ø
1.07Ø
All Dimension in mm
GBPC
GBPC-W


Similar Part No. - GBPC4010

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBPC4010 TSC-GBPC4010 Datasheet
103Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
MIC GROUP RECTIFIERS
GBPC4010 MIC-GBPC4010 Datasheet
44Kb / 2P
   GLASS PASSIVATED SINGLE-OHASE BPIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBPC4010 LUGUANG-GBPC4010 Datasheet
142Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBPC4010M TSC-GBPC4010M Datasheet
103Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Won-Top Electronics
GBPC4010S WTE-GBPC4010S Datasheet
73Kb / 4P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBPC4010

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBPC4000 ZSELEC-GBPC4000 Datasheet
90Kb / 2P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC40S WTE-GBPC40S_06 Datasheet
73Kb / 4P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBPC4000 ZSELEC-KBPC4000 Datasheet
388Kb / 2P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Leshan Radio Company
S15VB10 LRC-S15VB10 Datasheet
45Kb / 2P
   High Current Glass Passivated Single-Phase Bridge Rectifier
S25VB10 LRC-S25VB10 Datasheet
80Kb / 1P
   High Current Glass Passivated Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC40 WTE-KBPC40_06 Datasheet
54Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40P WTE-KBPC40P Datasheet
55Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40S WTE-KBPC40S Datasheet
73Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Leshan Radio Company
D5SB10 LRC-D5SB10 Datasheet
247Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510M LRC-MP3510M Datasheet
206Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com