Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU6K Datasheet(PDF) 4 Page - Won-Top Electronics

Part # GBU6K
Description  6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBU6K Datasheet(HTML) 4 Page - Won-Top Electronics

  GBU6K Datasheet HTML 1Page - Won-Top Electronics GBU6K Datasheet HTML 2Page - Won-Top Electronics GBU6K Datasheet HTML 3Page - Won-Top Electronics GBU6K Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GBU6A – GBU6M
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
GBU6A
SIL Bridge
1000 Units/Box
GBU6B
SIL Bridge
1000 Units/Box
GBU6D
SIL Bridge
1000 Units/Box
GBU6G
SIL Bridge
1000 Units/Box
GBU6J
SIL Bridge
1000 Units/Box
GBU6K
SIL Bridge
1000 Units/Box
GBU6M
SIL Bridge
1000 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, GBU6A-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - GBU6K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU6K PANJIT-GBU6K Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 100 Volts CURRENT - 6.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU6K GENESIC-GBU6K Datasheet
374Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Pan Jit International I...
GBU6K PANJIT-GBU6K Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU6K GENESIC-GBU6K Datasheet
363Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Fairchild Semiconductor
GBU6K FAIRCHILD-GBU6K Datasheet
105Kb / 3P
   Bridge Rectifiers
More results

Similar Description - GBU6K

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
GBJ6005 SMC-GBJ6005 Datasheet
294Kb / 4P
   Single-Phase 6.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU6005 SMCDIODE-GBU6005 Datasheet
349Kb / 5P
   Single-Phase 6.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
KBPC600G WTE-KBPC600G_06 Datasheet
47Kb / 4P
   6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG6KB05 SMCDIODE-UG6KB05 Datasheet
391Kb / 5P
   Single-Phase 6.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Sangdest Microelectroni...
GBU6005 SMC-GBU6005 Datasheet
162Kb / 4P
   Single-Phase 6.0A Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
KBU600G WTE-KBU600G_06 Datasheet
59Kb / 4P
   6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ6A WTE-GBJ6A Datasheet
61Kb / 4P
   6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
GBU6005G SMCDIODE-GBU6005G Datasheet
370Kb / 5P
   Single-Phase 6.0A Glass Passivated Bridge Rectifier
Rev. A
GBJ6005 SMCDIODE-GBJ6005 Datasheet
415Kb / 5P
   Single-Phase 6.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com