Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A51HRJ00F Datasheet(PDF) 11 Page - Sharp Corporation

Part # GP1A51HRJ00F
Description  Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A51HRJ00F Datasheet(HTML) 11 Page - Sharp Corporation

Back Button GP1A51HRJ00F Datasheet HTML 4Page - Sharp Corporation GP1A51HRJ00F Datasheet HTML 5Page - Sharp Corporation GP1A51HRJ00F Datasheet HTML 6Page - Sharp Corporation GP1A51HRJ00F Datasheet HTML 7Page - Sharp Corporation GP1A51HRJ00F Datasheet HTML 8Page - Sharp Corporation GP1A51HRJ00F Datasheet HTML 9Page - Sharp Corporation GP1A51HRJ00F Datasheet HTML 10Page - Sharp Corporation GP1A51HRJ00F Datasheet HTML 11Page - Sharp Corporation GP1A51HRJ00F Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Sheet No.: D3-A03601EN
GP1A51HRJ00F
■ Package specification
● Case package
Package materials
Anti-static plastic bag : Polyethtylene
Moltopren : Urethane
Partition : Corrugated fiberboard
Packing case : Corrugated fiberboard
Package method
100 pcs of products shall be packaged in a plastic bag, Ends shall be fixed by stoppers. The bottom ot the
packing case is covered with moltopren, and the partition is set in the packing case. Each partition should
have 1 plastic bag.
The 10 plastic bags containing a product are put in the packing case.
Moltopren should be located after all product are settled (1 packing contains 1 000 pcs).
Packing composition
Moltopren
Partition
Anti-static
plastic bag
Packing case


Similar Part No. - GP1A51HRJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A51HR SHARP-GP1A51HR Datasheet
82Kb / 5P
   OPIC Photointerrupter
More results

Similar Description - GP1A51HRJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52LRJ00F SHARP-GP1A52LRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1S51VJ000F SHARP-GP1S51VJ000F Datasheet
157Kb / 12P
   Gap : 3mm Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1L50J0000F SHARP-GP1L50J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L52VJ000F SHARP-GP1L52VJ000F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L51J0000F SHARP-GP1L51J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1A57HRJ00F SHARP-GP1A57HRJ00F Datasheet
152Kb / 12P
   Gap : 10mm, Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com