Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC5012 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # GBPC5012
Description  50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBPC5012 Datasheet(HTML) 2 Page - Won-Top Electronics

  GBPC5012 Datasheet HTML 1Page - Won-Top Electronics GBPC5012 Datasheet HTML 2Page - Won-Top Electronics GBPC5012 Datasheet HTML 3Page - Won-Top Electronics GBPC5012 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GBPC50 SERIES
2 of 4
© 2006 Won-Top Electronics
0.01
0.1
1.0
10
100
0
0.4
0.8
1.0
1.6 1.8
0.6
0.2
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics (per element)
F
T = 25°C
j
Pulse Width = 300µs
0
150
300
450
600
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
Single Half-Sine Wave
(JEDEC Method)
T = 150°C
j
10
100
1000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance (per element)
R
f=1Mhz
T = 25°C
j
0.01
0.1
1.0
10
100
40
20
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics (per element)
T = 125°C
j
T = 25°C
j
0
25
50
0
25
50
75
100
125
150
T , CASE TEMPERATURE (°C)
Fig. 1 Forward. Current Derating Curve
C
Resistive or
Inductive load
Mounted on a
229 x 152 x 127 mm
AL finned plate


Similar Part No. - GBPC5012

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBPC5012 NELLSEMI-GBPC5012 Datasheet
646Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
logo
Won-Top Electronics
GBPC5012S WTE-GBPC5012S Datasheet
73Kb / 4P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBPC5012

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBPC5000 ZSELEC-GBPC5000 Datasheet
90Kb / 2P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC5000 ZSELEC-KBPC5000 Datasheet
389Kb / 2P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC50S WTE-GBPC50S Datasheet
73Kb / 4P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
GBPC50 NAINA-GBPC50 Datasheet
209Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Nell Semiconductor Co.,...
GBPC50M NELLSEMI-GBPC50M Datasheet
386Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
GBPC50 NELLSEMI-GBPC50 Datasheet
157Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Leshan Radio Company
S15VB10 LRC-S15VB10 Datasheet
45Kb / 2P
   High Current Glass Passivated Single-Phase Bridge Rectifier
S25VB10 LRC-S25VB10 Datasheet
80Kb / 1P
   High Current Glass Passivated Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
MTP50A1 NELLSEMI-MTP50A1 Datasheet
699Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 50A
MTP50W NELLSEMI-MTP50W Datasheet
395Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 50A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com