Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66305-F-X142 Datasheet(PDF) 7 Page - EPCOS

Part # B66305-F-X142
Description  E/ELP Cores
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66305-F-X142 Datasheet(HTML) 7 Page - EPCOS

  B66305-F-X142 Datasheet HTML 1Page - EPCOS B66305-F-X142 Datasheet HTML 2Page - EPCOS B66305-F-X142 Datasheet HTML 3Page - EPCOS B66305-F-X142 Datasheet HTML 4Page - EPCOS B66305-F-X142 Datasheet HTML 5Page - EPCOS B66305-F-X142 Datasheet HTML 6Page - EPCOS B66305-F-X142 Datasheet HTML 7Page - EPCOS B66305-F-X142 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
395 08/01
Cover plate
I For stamping and for improved processing on assembly machines
I See under coil former for material and resistance to soldering heat
Yoke (on request)
Material:
Nickel silver (0,2 mm)
Cover plate
Yoke
Ordering code
Cover plate
B66414-A7000
Yoke
B66202-J2001
FEK0260-3
12,8±0,1
Abdeck latte
FEK0396-A
12,6+0,2
3±0,15
0,2
3,8 0,2
_
B66414
B66202
Accessories
E 13/7/4 (EF 12,6)


Similar Part No. - B66305-F-X142

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66305 EPCOS-B66305 Datasheet
214Kb / 9P
   Ferrites and accessories
B66305 EPCOS-B66305 Datasheet
239Kb / 11P
   Ferrites and accessories
logo
TDK Electronics
B66305 TDK-B66305 Datasheet
264Kb / 11P
   Ferrites and accessories
logo
EPCOS
B66305F0000X146 EPCOS-B66305F0000X146 Datasheet
214Kb / 9P
   Ferrites and accessories
B66305F0000X146 EPCOS-B66305F0000X146 Datasheet
465Kb / 9P
   EF coil formers
More results

Similar Description - B66305-F-X142

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66219 EPCOS-B66219 Datasheet
75Kb / 3P
   E/ELP Cores
B66379 EPCOS-B66379 Datasheet
76Kb / 3P
   E/ELP Cores
logo
Fair-Rite Products Corp...
9478112002 FAIR-RITE-9478112002 Datasheet
512Kb / 1P
   E Cores
9478116002 FAIR-RITE-9478116002 Datasheet
516Kb / 1P
   E Cores
9495103002 FAIR-RITE-9495103002 Datasheet
512Kb / 1P
   E Cores
9498103002 FAIR-RITE-9498103002 Datasheet
512Kb / 1P
   E Cores
9498110002 FAIR-RITE-9498110002 Datasheet
512Kb / 1P
   E Cores
9498111002 FAIR-RITE-9498111002 Datasheet
512Kb / 1P
   E Cores
9478102002 FAIR-RITE-9478102002 Datasheet
512Kb / 1P
   E Cores
9498117002 FAIR-RITE-9498117002 Datasheet
512Kb / 1P
   E Cores
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com