Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66311-G90-X1 Datasheet(PDF) 3 Page - EPCOS

Part # B66311-G90-X1
Description  E 20/10/6 (EF 20) Core
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66311-G90-X1 Datasheet(HTML) 3 Page - EPCOS

  B66311-G90-X1 Datasheet HTML 1Page - EPCOS B66311-G90-X1 Datasheet HTML 2Page - EPCOS B66311-G90-X1 Datasheet HTML 3Page - EPCOS B66311-G90-X1 Datasheet HTML 4Page - EPCOS B66311-G90-X1 Datasheet HTML 5Page - EPCOS B66311-G90-X1 Datasheet HTML 6Page - EPCOS B66311-G90-X1 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
405 08/01
Coil former (magnetic axis horizontal or vertical)
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Winding:
see “Processing Notes”, page 159
Squared pins
For matching yoke see next page
Figure 1, horizontal version
Figure 2, vertical version
Figure
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
Ordering code
1
1
34
41,2
42
10
B66206-A1110-T1
2
1
34
41,2
42
10
B66206-J1110-T1
FEK0105-U
5
1
6,1+0,15
13,9 0,25
_
0,3
22 _
0,6±0,1
13,7 0,25
_
0,6±0,1
_
7,6 0,15
0,45
15,24
Hole arrangement
View in mounting
direction
Hole arrangement
View in mounting
direction
B66206
Accessories
E 20/10/6 (EF 20)


Similar Part No. - B66311-G90-X1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66311 EPCOS-B66311 Datasheet
138Kb / 8P
   Ferrites and accessories
B66311 EPCOS-B66311 Datasheet
356Kb / 11P
   Ferrites and accessories
B66311G0000X127 EPCOS-B66311G0000X127 Datasheet
138Kb / 8P
   Ferrites and accessories
B66311G0000X127 EPCOS-B66311G0000X127 Datasheet
518Kb / 9P
   EF coil formers
B66311G0000X127 EPCOS-B66311G0000X127 Datasheet
356Kb / 11P
   Ferrites and accessories
More results

Similar Description - B66311-G90-X1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66329 EPCOS-B66329 Datasheet
109Kb / 3P
   E 42/21/20 Core
B66375 EPCOS-B66375 Datasheet
75Kb / 2P
   E 80/38/20 Core
B66383 EPCOS-B66383 Datasheet
74Kb / 2P
   E 47/20/16 Core
B66307 EPCOS-B66307 Datasheet
109Kb / 5P
   E 16/8/5 (EF 16) Core
B66317 EPCOS-B66317 Datasheet
113Kb / 6P
   E 25/13/7 (EF 25) Core
B66417 EPCOS-B66417 Datasheet
85Kb / 3P
   EFD 20/10/7 Core
B66229 EPCOS-B66229 Datasheet
105Kb / 3P
   E 32/16/9 (EF 32) Core
logo
Ferroxcube Internationa...
CPH-E20-1S-8P FERROXCUBE-CPH-E20-1S-8P Datasheet
46Kb / 1P
   General data for 8-pins E 20/10/6 coil former
logo
EPCOS
B66457 EPCOS-B66457 Datasheet
71Kb / 2P
   ELP 32/6/20 Core (Without Clamp Recess)
B66393 EPCOS-B66393 Datasheet
73Kb / 2P
   E 16/6/5 Core
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com