Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER151 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # HER151
Description  1.5A ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER151 Datasheet(HTML) 4 Page - Won-Top Electronics

  HER151_06 Datasheet HTML 1Page - Won-Top Electronics HER151_06 Datasheet HTML 2Page - Won-Top Electronics HER151_06 Datasheet HTML 3Page - Won-Top Electronics HER151_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HER151 – HER158
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
HER151-T3
DO-15
4000/Tape & Reel
HER151-TB
DO-15
3000/Tape & Box
HER151
DO-15
1000 Units/Box
HER152-T3
DO-15
4000/Tape & Reel
HER152-TB
DO-15
3000/Tape & Box
HER152
DO-15
1000 Units/Box
HER153-T3
DO-15
4000/Tape & Reel
HER153-TB
DO-15
3000/Tape & Box
HER153
DO-15
1000 Units/Box
HER154-T3
DO-15
4000/Tape & Reel
HER154-TB
DO-15
3000/Tape & Box
HER154
DO-15
1000 Units/Box
HER155-T3
DO-15
4000/Tape & Reel
HER155-TB
DO-15
3000/Tape & Box
HER155
DO-15
1000 Units/Box
HER156-T3
DO-15
4000/Tape & Reel
HER156-TB
DO-15
3000/Tape & Box
HER156
DO-15
1000 Units/Box
HER157-T3
DO-15
4000/Tape & Reel
HER157-TB
DO-15
3000/Tape & Box
HER157
DO-15
1000 Units/Box
HER158-T3
DO-15
4000/Tape & Reel
HER158-TB
DO-15
3000/Tape & Box
HER158
DO-15
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, HER151-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - HER151_06

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER151A0 TSC-HER151A0 Datasheet
377Kb / 4P
   High Efficient Rectifiers
HER151A0G TSC-HER151A0G Datasheet
377Kb / 4P
   High Efficient Rectifiers
logo
EIC discrete Semiconduc...
HER151 EIC-HER151_05 Datasheet
55Kb / 2P
   HIGH EFFICIENT
More results

Similar Description - HER151_06

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
HER151G ZSELEC-HER151G Datasheet
110Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
UF150G ZSELEC-UF150G Datasheet
89Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
UG1501 ZSELEC-UG1501 Datasheet
89Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
1N5391 WTE-1N5391_06 Datasheet
54Kb / 4P
   1.5A STANDARD DIODE
logo
Zibo Seno Electronic En...
PR1501 ZSELEC-PR1501 Datasheet
135Kb / 2P
   1.5A FAST RECOVERY DIODE
logo
Shanghai Leiditech Elec...
BY448GP LEIDITECH-BY448GP Datasheet
257Kb / 2P
   1.5A Clamper/Damping diode
logo
Won-Top Electronics
FR151 WTE-FR151_06 Datasheet
55Kb / 4P
   1.5A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
FR151 ZSELEC-FR151 Datasheet
128Kb / 2P
   1.5A FAST RECOVERY DIODE
logo
Protek Devices
PAM38DOAC10Y PROTEC-PAM38DOAC10Y Datasheet
463Kb / 6P
   1.5A GLASS PASSIVATED RECTIFIER DIODE
logo
Zibo Seno Electronic En...
UF5401 ZSELEC-UF5401 Datasheet
109Kb / 2P
   3.0A ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com