Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A57HRJ00F Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP1A57HRJ00F
Description  Gap : 10mm, Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A57HRJ00F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button GP1A57HRJ00F Datasheet HTML 2Page - Sharp Corporation GP1A57HRJ00F Datasheet HTML 3Page - Sharp Corporation GP1A57HRJ00F Datasheet HTML 4Page - Sharp Corporation GP1A57HRJ00F Datasheet HTML 5Page - Sharp Corporation GP1A57HRJ00F Datasheet HTML 6Page - Sharp Corporation GP1A57HRJ00F Datasheet HTML 7Page - Sharp Corporation GP1A57HRJ00F Datasheet HTML 8Page - Sharp Corporation GP1A57HRJ00F Datasheet HTML 9Page - Sharp Corporation GP1A57HRJ00F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Sheet No.: D3-A03901EN
GP1A57HRJ00F
Fig.7 Low Level Output Voltage vs.
Low Level Output Current
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
Fig.8 Low Level Output Voltage vs.
Ambient Temperature
Fig.9 Supply Current vs.
Ambient Temperature
Fig.10 Propagation Delay Time vs.
Forward Current
Fig.11 Rise Time,Fall Time vs.
Load Resistance
Fig.12 Test Circuit for Response Time
0.6
0.5
0.1
0
0.2
0.3
0.4
Ambient temperature Ta (˚C)
100
75
50
25
0
−25
16mA
5mA
VCC=5V
IOL=30mA
5V
10V
−25
0
25
50
75
100
2
1.5
1
0
0.5
2.5
3
10V
5V
Ambient temperature Ta (˚C)
VCC=17V
ICCL
ICCH
VCC=17V
0
50
40
030
20
10
2
4
8
6
60
Forward current IF (mA)
tPLH
tPHL
12
10
VCC=5V
RL=280Ω
Ta=25˚C
0.1
0.6
0.7
0.8
110
0.5
0.4
0.3
0
0.1
0.2
Ta=25˚C
VCC=5V
IF=7mA
Load resistance RL (kΩ)
tr
tf
10%
90%
50%
1.5V
Input
Output
Input
47Ω
Voltage regulator
Amp.
+5V
Output
0.01μF
280Ω
GND
tr=tf=0.01μs
tPLH
tr
tPHL
VOH
VOL
tf
(15kΩ)
ZO=50Ω
1
10
100
1
0.1
0.01
VCC=5V
Ta=25˚C
Low level output current IOL (mA)


Similar Part No. - GP1A57HRJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A57HR SHARP-GP1A57HR Datasheet
51Kb / 4P
   Wide Gap Type OPIC Photointerrupter
More results

Similar Description - GP1A57HRJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52LRJ00F SHARP-GP1A52LRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A91LRJ00F SHARP-GP1A91LRJ00F Datasheet
148Kb / 11P
   Gap : 1.2mm, Slit : 0.23mm OPIC Output, Compact Transmissive Photointerrupter
GP1S59J0000F SHARP-GP1S59J0000F Datasheet
160Kb / 12P
   Gap : 4.2mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1A91LCJ00F SHARP-GP1A91LCJ00F Datasheet
146Kb / 11P
   Gap : 1.2mm, Slit : 0.23mm OPIC Output, Compact Transmissive Photointerrupter
GP1S56TJ000F SHARP-GP1S56TJ000F Datasheet
157Kb / 12P
   Gap : 2mm, Slit : 0.15mm Phototransistor Output, Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com