Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTSR1601103GTF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VTSR1601103GTF
Description  Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VTSR1601103GTF Datasheet(HTML) 1 Page - Vishay Siliconix

  VTSR1601103GTF Datasheet HTML 1Page - Vishay Siliconix VTSR1601103GTF Datasheet HTML 2Page - Vishay Siliconix VTSR1601103GTF Datasheet HTML 3Page - Vishay Siliconix VTSR1601103GTF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VTSR, VSSR, VSOR
Vishay Thin Film
Document Number: 60003
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 11-Jun-07
21
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Vishay Thin Film resistor networks are designed to be used
in either analog or digital circuits. The use of thin film
resistive elements within the network allows you to achieve
an infinite number of very low noise and high stability circuits
for industrial, medical and scientific instrumentation. Vishay
Thin Film resistor networks are packaged in molded plastic
packages with sizes that are recognized throughout the
world. The rugged packaging offers superior environmental
protection and consistent dimensions for ease of placement
with automatic SMT equipment. Vishay Thin Film stocks
many designs and values for off-the-shelf convenience.
With Vishay Thin Film you can depend on quality products
delivered on time with service backing the product.
FEATURES
• Lead (Pb)-free available
• Reduces total assembly costs
• Compatible with automatic surface mounting
equipment
• UL 94V-0 flame resistant
• Thin Film Tantalum Nitride on silicon
• Choice of package sizes: VTSR (TSSOP) JEDEC MC-153,
VSSR (SSOP or QSOP) JEDEC MS-137, VSOR (SOIC
narrow) JEDEC MS-012
• Moisture sensitivity level 1 (per IPC/JEDEC STD-20C)
TYPICAL PERFORMANCE
SCHEMATICS
RESISTORS WITH ONE PIN COMMON
The 01 circuit provides nominally equal resistors connected
between a common pin and a discrete PC board pin.
Commonly used in the following applications:
• MOS/ROM Pull-up/Pull-down
• TTL Input Pull-down
• Open Collector Pull-up
• Digital Pulse Squaring
• "Wired OR" Pull-up
• TTL Unused Gate Pull-up
• Power Driven Pull-up
• High Speed Parallels Pull-up
Broad selection of standard values available
03 SCHEMATICS
ISOLATED RESISTORS
The 03 circuit provides nominally equal resistors isolated
from all others and wired directly across. Commonly used in
the following applications:
• "Wired OR" Pull-up
• Long-line Impedance Balancing
• Power Driven Pull-up
• LED Current Limiting
• Powergate Pull-up
• ECL Output Pull-down
• Line Termination
• TTL Input Pull-down
Broad selection of standard values available
05 SCHEMATICS
DUAL-LINE TERMINATOR; PULSE SQUARING
The 05 circuit contains pairs of resistors connected between
ground and a common line. The junctions of these resistor
pairs are connected to the input leads. The 05 circuits are
designed for dual-line termination and pulse squaring.
Standard values are:
VSSR1605 - R1 = 220 Ω, R2 = 330 Ω
R1 = 220 Ω, R2 = 1.8 kΩ
R1 = 330 Ω, R2 = 470 Ω
R1 = 1.5 kΩ, R2 = 3.3 kΩ
VSSR2005 - R1 = 220 Ω, R2 = 330 Ω
47 SCHEMATICS
DIFFERENTIAL TERMINATOR
The 47 schematic consists of series resistor sections
connected between Vcc and Ground. Each contains
3 resistors of 2 different resistance values.
Standard values are:
VSSR20 and VTSR20 -
R1 = 270 Ω, R2 = 120 Ω
VSSR16 and VTSR16 -
R1 = 330 Ω, R2 = 220 Ω
R1 = 330 Ω, R2 = 150 Ω
Actual Size
ABS
TRACKING
TCR
100
NA
ABS
RATIO
TOL
5, 2, 1
NA
Available
Pb-free
RoHS*
COMPLIANT
Resistance Range:
10
Ω to 47 kΩ
Lead #1
01 SCHEMATIC
Lead #1
Resistance Range:
10
Ω to 47 kΩ
Lead #1
R1
R
R2R2R2
R2
R2
R2
R1
R1
R1
R1
R1
R1
R1
R2
R2
R1
R1
R1
R2
R1
R2
R1
R2
R1
1
Lead #1
Vcc
GND
R1
R2
R1
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - VTSR1601103GTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VTSR1601 VISHAY-VTSR1601 Datasheet
131Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
More results

Similar Description - VTSR1601103GTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
WOMC VISHAY-WOMC Datasheet
106Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 10-May-06
WOMC VISHAY-WOMC_08 Datasheet
249Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 15-May-07
NOMC VISHAY-NOMC Datasheet
113Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body
Revision 21-May-01
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
   Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 08-Jan-12
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com