Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER201G-TB Datasheet(PDF) 4 Page - Won-Top Electronics

Part # HER201G-TB
Description  2.0A GLASS PASSIVATED ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER201G-TB Datasheet(HTML) 4 Page - Won-Top Electronics

  HER201G-TB Datasheet HTML 1Page - Won-Top Electronics HER201G-TB Datasheet HTML 2Page - Won-Top Electronics HER201G-TB Datasheet HTML 3Page - Won-Top Electronics HER201G-TB Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HER201G – HER208G
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
HER201G-T3
DO-15
4000/Tape & Reel
HER201G-TB
DO-15
3000/Tape & Box
HER201G
DO-15
1000 Units/Box
HER202G-T3
DO-15
4000/Tape & Reel
HER202G-TB
DO-15
3000/Tape & Box
HER202G
DO-15
1000 Units/Box
HER203G-T3
DO-15
4000/Tape & Reel
HER203G-TB
DO-15
3000/Tape & Box
HER203G
DO-15
1000 Units/Box
HER204G-T3
DO-15
4000/Tape & Reel
HER204G-TB
DO-15
3000/Tape & Box
HER204G
DO-15
1000 Units/Box
HER205G-T3
DO-15
4000/Tape & Reel
HER205G-TB
DO-15
3000/Tape & Box
HER205G
DO-15
1000 Units/Box
HER206G-T3
DO-15
4000/Tape & Reel
HER206G-TB
DO-15
3000/Tape & Box
HER206G
DO-15
1000 Units/Box
HER207G-T3
DO-15
4000/Tape & Reel
HER207G-TB
DO-15
3000/Tape & Box
HER207G
DO-15
1000 Units/Box
HER208G-T3
DO-15
4000/Tape & Reel
HER208G-TB
DO-15
3000/Tape & Box
HER208G
DO-15
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, HER201G-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - HER201G-TB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER201G-T TSC-HER201G-T Datasheet
409Kb / 6P
   2A, 50V - 600V Glass Passivated High Efficient Rectifier
More results

Similar Description - HER201G-TB

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
EGP20A ZSELEC-EGP20A Datasheet
92Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
UG2001 ZSELEC-UG2001 Datasheet
89Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
UF200G ZSELEC-UF200G Datasheet
90Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
HER201G ZSELEC-HER201G Datasheet
110Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
UF2A WTE-UF2A_06 Datasheet
56Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
ES2AW ZSELEC-ES2AW Datasheet
107Kb / 2P
   2.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
RS2AW ZSELEC-RS2AW Datasheet
114Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR201G ZSELEC-FR201G Datasheet
118Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR2001G ZSELEC-PR2001G Datasheet
134Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
MUR440 ZSELEC-MUR440 Datasheet
197Kb / 2P
   4A GLASS PASSIVATED ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com