Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A75EJ000F Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1A75EJ000F
Description  Gap : 5mm Slit : 0.5mm OPIC Output, Screw fi xing type Transmissive Photointerrupter with Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A75EJ000F Datasheet(HTML) 2 Page - Sharp Corporation

  GP1A75EJ000F Datasheet HTML 1Page - Sharp Corporation GP1A75EJ000F Datasheet HTML 2Page - Sharp Corporation GP1A75EJ000F Datasheet HTML 3Page - Sharp Corporation GP1A75EJ000F Datasheet HTML 4Page - Sharp Corporation GP1A75EJ000F Datasheet HTML 5Page - Sharp Corporation GP1A75EJ000F Datasheet HTML 6Page - Sharp Corporation GP1A75EJ000F Datasheet HTML 7Page - Sharp Corporation GP1A75EJ000F Datasheet HTML 8Page - Sharp Corporation GP1A75EJ000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Sheet No.: D3-A04801EN
GP1A75EJ000F
■ Internal Connection Diagram
■ Outline Dimensions
(Unit : mm)
Product mass : approx. 1.2g
3
2
1
Voltage regulator
15kΩ
Amp.
VCC
VOUT
GND
1
2
3
4.7
2.35
Slit width
4.3
5
2.6
13.6
4.3
2.5
24
9.6
18.1
2.4
23
1
0.3
Chip resistor
2−
R3.2
Case surface
Date code
Connector : 292133-3
(Tyco Electronics AMP K.K.)
φ3.2
6.8±
1
3
2
1
(6.8)
0.9+
0.2
−0.15
2−0.5
±0.1
Truth table
Condition
Output
Light beam interrupted
Low
Light beam uninterrupted
High
• Unspecified tolerance shall be as follows ;
Dimensions
Tolerance
d≤5
±0.15
5≤d<15
±0.2
15≤d
±0.3
• * ( ) : Reference dimensions
Connector terminal plating material : Sn


Similar Part No. - GP1A75EJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A75E SHARP-GP1A75E Datasheet
42Kb / 3P
   Small Size OPIC Photointerrupter with Connector
More results

Similar Description - GP1A75EJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A05EJ000F SHARP-GP1A05EJ000F Datasheet
136Kb / 10P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A05AJ000F SHARP-GP1A05AJ000F Datasheet
151Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1S74PJ000F SHARP-GP1S74PJ000F Datasheet
149Kb / 12P
   Gap : 5mm Slit : 0.5mm Phototransistor Output, Snap-in fi xing Transmissive Photointerrupter with Connector
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A073LCS SHARP-GP1A073LCS Datasheet
129Kb / 10P
   Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector
GP1A73AJ000F SHARP-GP1A73AJ000F Datasheet
133Kb / 10P
   Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com