Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43858C1686M004 Datasheet(PDF) 7 Page - EPCOS

Part # B43858C1686M004
Description  Aluminum electrolytic capacitors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43858C1686M004 Datasheet(HTML) 7 Page - EPCOS

Back Button B43858C1686M004 Datasheet HTML 3Page - EPCOS B43858C1686M004 Datasheet HTML 4Page - EPCOS B43858C1686M004 Datasheet HTML 5Page - EPCOS B43858C1686M004 Datasheet HTML 6Page - EPCOS B43858C1686M004 Datasheet HTML 7Page - EPCOS B43858C1686M004 Datasheet HTML 8Page - EPCOS B43858C1686M004 Datasheet HTML 9Page - EPCOS B43858C1686M004 Datasheet HTML 10Page - EPCOS B43858C1686M004 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
120 Hz
25
°C
ESRmax
120 Hz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 16 × 31.5 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5 mm (from d
× l = 10 × 12.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 400 V DC
2.2
10
× 12.5
6330
180.86
7.00
100
170
B43858C9225M***
3.3
10
× 16
4220
120.58
5.00
130
221
B43858C9335M***
4.7
10
× 16
2963
84.66
4.00
180
306
B43858C9475M***
6.8
10
× 16
2048
58.51
3.50
270
459
B43858C9685M***
10
10
× 20
1393
39.79
2.20
300
510
B43858C9106M***
22
12.5
× 25
633
18.09
1.70
560
952
B43858C9226M***
33
16
× 25
422
12.06
0.75
720
1224
B43858C9336M***
47
16
× 31.5
296
8.47
0.65
980
1666
B43858C9476M***
68
18
× 40
205
5.85
0.45
1300
2210
B43858C9686M***
100
20
× 40
139
3.98
0.35
1550
2635
B43858C9107M***
VR = 450 V DC
2.2
10
× 12.5
6330
180.86
8.50
100
170
B43858C5225M***
3.3
10
× 16
4220
120.58
8.00
130
221
B43858C5335M***
4.7
10
× 16
2963
84.66
7.00
180
306
B43858C5475M***
6.8
10
× 20
2048
58.51
6.00
270
459
B43858C5685M***
10
12.5
× 20
1393
39.79
4.00
300
510
B43858C5106M***
22
16
× 25
633
18.09
1.75
600
1020
B43858C5226M***
33
16
× 31.5
422
12.06
1.40
780
1326
B43858C5336M***
47
18
× 31.5
296
8.47
1.10
980
1666
B43858C5476M***
68
18
× 40
205
5.85
0.90
1350
2295
B43858C5686M***
B43858
High ripple current
105
°C
Page 7 of 24
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43858C1686M004

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43858C1686M000 EPCOS-B43858C1686M000 Datasheet
550Kb / 26P
   Aluminum electrolytic capacitors
B43858C1686M002 EPCOS-B43858C1686M002 Datasheet
550Kb / 26P
   Aluminum electrolytic capacitors
More results

Similar Description - B43858C1686M004

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com