Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER158-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # HER158-T3
Description  1.5A ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER158-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  HER158-T3 Datasheet HTML 1Page - Won-Top Electronics HER158-T3 Datasheet HTML 2Page - Won-Top Electronics HER158-T3 Datasheet HTML 3Page - Won-Top Electronics HER158-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HER151 – HER158
1 of 4
© 2006 Won-Top Electronics
Pb
HER151 – HER158
1.5A ULTRAFAST DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-15, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
HER
151
HER
152
HER
153
HER
154
HER
155
HER
156
HER
157
HER
158
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 1.5A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
50
75
nS
Typical Junction Capacitance (Note 3)
Cj
50
30
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-15
Dim
Min
Max
A
25.4
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm


Similar Part No. - HER158-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER158-T3 WTE-HER158-T3 Datasheet
48Kb / 3P
   1.5A HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER158-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
HER151G ZSELEC-HER151G Datasheet
110Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
UF150G ZSELEC-UF150G Datasheet
89Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
UG1501 ZSELEC-UG1501 Datasheet
89Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
1N5391 WTE-1N5391_06 Datasheet
54Kb / 4P
   1.5A STANDARD DIODE
logo
Zibo Seno Electronic En...
PR1501 ZSELEC-PR1501 Datasheet
135Kb / 2P
   1.5A FAST RECOVERY DIODE
logo
Shanghai Leiditech Elec...
BY448GP LEIDITECH-BY448GP Datasheet
257Kb / 2P
   1.5A Clamper/Damping diode
logo
Won-Top Electronics
FR151 WTE-FR151_06 Datasheet
55Kb / 4P
   1.5A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
FR151 ZSELEC-FR151 Datasheet
128Kb / 2P
   1.5A FAST RECOVERY DIODE
logo
Protek Devices
PAM38DOAC10Y PROTEC-PAM38DOAC10Y Datasheet
463Kb / 6P
   1.5A GLASS PASSIVATED RECTIFIER DIODE
logo
Zibo Seno Electronic En...
UF5401 ZSELEC-UF5401 Datasheet
109Kb / 2P
   3.0A ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com