Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER207 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # HER207
Description  2.0A ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER207 Datasheet(HTML) 1 Page - Won-Top Electronics

  HER207 Datasheet HTML 1Page - Won-Top Electronics HER207 Datasheet HTML 2Page - Won-Top Electronics HER207 Datasheet HTML 3Page - Won-Top Electronics HER207 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HER201 – HER208
1 of 4
© 2006 Won-Top Electronics
Pb
HER201 – HER208
2.0A ULTRAFAST DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-15, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage
@IF = 2.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
50
75
nS
Typical Junction Capacitance (Note 3)
Cj
60
40
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-15
Dim
Min
Max
A
25.4
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm


Similar Part No. - HER207

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER207 DACHANG-HER207 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
Won-Top Electronics
HER207 WTE-HER207 Datasheet
49Kb / 3P
   2.0A HIGH EFFICIENCY RECTIFIER
logo
Guangdong Juxing Electr...
HER207 JUXING-HER207 Datasheet
750Kb / 2P
   Ultra Fast Rectifiers
logo
Shanghai Shunye Electro...
HER207 SHUNYE-HER207 Datasheet
233Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Micro Commercial Compon...
HER207 MCC-HER207 Datasheet
310Kb / 2P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - HER207

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
US2AF ZSELEC-US2AF Datasheet
101Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
US2A ZSELEC-US2A Datasheet
115Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
US2ABF ZSELEC-US2ABF Datasheet
102Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
UF2A ZSELEC-UF2A Datasheet
151Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
EGP20A ZSELEC-EGP20A Datasheet
92Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
UG2001 ZSELEC-UG2001 Datasheet
89Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
SUNMATE electronic Co.,...
UF2001 SUNMATE-UF2001 Datasheet
78Kb / 2P
   2.0A Axial Leaded Ultrafast Diode
logo
Won-Top Electronics
HER201G WTE-HER201G Datasheet
58Kb / 4P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
EGF2A ZSELEC-EGF2A Datasheet
120Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
20BF05 ZSELEC-20BF05 Datasheet
160Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com