Electronic Components Datasheet Search |
|
C522C479F2R5CA Datasheet(PDF) 8 Page - Kemet Corporation |
|
C522C479F2R5CA Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 10 page © KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 39 CERAMIC LEADED PACKAGING INFORMATION KEMET ® KEMET ® Adhesive Tape Adhesive Tape Kraft Paper Interleaving Figure 1 Figure 2 31/4" (82.6) .655" ±0.010" (16.6 ±0.25) 10.5" - 14" (26.67 - 35.56cm) .059" to .315" Greater Than Component Length * Hub 1/8" (3.18) Figure 3 See Table 1 (B) .250" Nom. (6.35) * .047" Max (1.20) See Table 1 (A) Ceramic Axial Lead Tape and Reel Packaging KEMET offers standard reeling of Molded and Conformally Coated Axial Leaded Ceramic Capacitors for automatic insertion or lead forming machines per EIA specification RS-296. KEMET’S internal specification four-digit suffix, 7200, is placed at the end of the part number to designate tape and reel packaging, ie: C410C104Z5U5CA7200. Paper (50 lb.) test minimum is inserted between the layers of capacitors wound on reels for component pitch ≤ 0.400". Capacitor lead length may extend only a maximum of .0625" (1.59mm) beyond the tapes' edges. Capacitors are centered in a row between the two tapes and will deviate only ± 0.031 (0.79mm) from the row center. A minimum of 36" (91.5 cm) leader tape is provided at each end of the reel capacitors. Universal splicing clips are used to connect the tape. Standard reel quantities are shown on page 41. Dimensions in Inches & (Millimeters) * Not Available for Conformally Coated Parts. Component Body Diameter Component Pitch "A" Inside Tape Spacing "B" ± 1.5mm (0.059") 0.020" or ( ±0.5mm) I III* 0" (0mm) to 0.197" (5mm) 0.197" (5.01mm) to 0.394: (10mm) 0.197" or (5mm) 0.394" or (10mm) 2.062" (52.4mm) 2.874" (73mm) Table 1 |
Similar Part No. - C522C479F2R5CA |
|
Similar Description - C522C479F2R5CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |