Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER208 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # HER208
Description  2.0A ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER208 Datasheet(HTML) 3 Page - Won-Top Electronics

  HER208 Datasheet HTML 1Page - Won-Top Electronics HER208 Datasheet HTML 2Page - Won-Top Electronics HER208 Datasheet HTML 3Page - Won-Top Electronics HER208 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HER201 – HER208
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
4,000
370 x 370 x 420
20,000
12.0
TAPE & BOX
255 x 75 x 150
3,000
400 x 273 x 415
30,000
15.0
BULK
200 x 85 x 25
1,000
459 x 214 x 256
40,000
17.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
Cathode
= Polarity Band
HER20x
= Device Number
x
= 1, 2, 3, 4, 5, 6, 7 or 8
WTE
= Manufacturer’s Logo
HE R20x
WTE
0.8mm
MAX
5mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
200mm
85mm
25mm


Similar Part No. - HER208

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
HER208 DEC-HER208 Datasheet
895Kb / 2P
   Low reverse leakage
logo
Won-Top Electronics
HER208 WTE-HER208 Datasheet
49Kb / 3P
   2.0A HIGH EFFICIENCY RECTIFIER
logo
Guangdong Juxing Electr...
HER208 JUXING-HER208 Datasheet
750Kb / 2P
   Ultra Fast Rectifiers
logo
DONGGUAN YOU FENG WEI E...
HER208 YFWDIODE-HER208 Datasheet
106Kb / 2P
   High Surge Current Capability
logo
Micro Commercial Compon...
HER208 MCC-HER208 Datasheet
310Kb / 2P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - HER208

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
US2AF ZSELEC-US2AF Datasheet
101Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
US2A ZSELEC-US2A Datasheet
115Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
US2ABF ZSELEC-US2ABF Datasheet
102Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
UF2A ZSELEC-UF2A Datasheet
151Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
EGP20A ZSELEC-EGP20A Datasheet
92Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
UG2001 ZSELEC-UG2001 Datasheet
89Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
SUNMATE electronic Co.,...
UF2001 SUNMATE-UF2001 Datasheet
78Kb / 2P
   2.0A Axial Leaded Ultrafast Diode
logo
Won-Top Electronics
HER201G WTE-HER201G Datasheet
58Kb / 4P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
EGF2A ZSELEC-EGF2A Datasheet
120Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
20BF05 ZSELEC-20BF05 Datasheet
160Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com