Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ25A Datasheet(PDF) 4 Page - Won-Top Electronics

Part # KBJ25A
Description  25A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBJ25A Datasheet(HTML) 4 Page - Won-Top Electronics

  KBJ25A Datasheet HTML 1Page - Won-Top Electronics KBJ25A Datasheet HTML 2Page - Won-Top Electronics KBJ25A Datasheet HTML 3Page - Won-Top Electronics KBJ25A Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBJ25A – KBJ25M
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBJ25A
SIL Bridge
15 Units/Tube
KBJ25B
SIL Bridge
15 Units/Tube
KBJ25D
SIL Bridge
15 Units/Tube
KBJ25G
SIL Bridge
15 Units/Tube
KBJ25J
SIL Bridge
15 Units/Tube
KBJ25K
SIL Bridge
15 Units/Tube
KBJ25M
SIL Bridge
15 Units/Tube
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, KBJ25A-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - KBJ25A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A Datasheet
49Kb / 3P
   25A BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ25A DAESAN-KBJ25A Datasheet
233Kb / 2P
   CURRENT 25.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ25A BILIN-KBJ25A Datasheet
140Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBJ25A CHENG-YI-KBJ25A Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBJ25A LUGUANG-KBJ25A Datasheet
156Kb / 2P
   Silicon Bridge Rectifiers
More results

Similar Description - KBJ25A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC25S WTE-KBPC25S Datasheet
66Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250 Datasheet
21Kb / 3P
   25A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
MB2505W TAITRON-MB2505W Datasheet
143Kb / 4P
   25A Single-Phase Bridge Rectifier
MB2505 TAITRON-MB2505 Datasheet
143Kb / 4P
   25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC25 WTE-KBPC25 Datasheet
54Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBJ25 NELLSEMI-KBJ25 Datasheet
1Mb / 3P
   Single-Phase Bridge Rectifier, 25A
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250_10 Datasheet
47Kb / 3P
   25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC25P WTE-KBPC25P Datasheet
55Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBPC25 NELLSEMI-KBPC25 Datasheet
1Mb / 3P
   Single-Phase Bridge Rectifier, 25A
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
   25A SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com