Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1S59J0000F Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1S59J0000F
Description  Gap : 4.2mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S59J0000F Datasheet(HTML) 4 Page - Sharp Corporation

  GP1S59J0000F Datasheet HTML 1Page - Sharp Corporation GP1S59J0000F Datasheet HTML 2Page - Sharp Corporation GP1S59J0000F Datasheet HTML 3Page - Sharp Corporation GP1S59J0000F Datasheet HTML 4Page - Sharp Corporation GP1S59J0000F Datasheet HTML 5Page - Sharp Corporation GP1S59J0000F Datasheet HTML 6Page - Sharp Corporation GP1S59J0000F Datasheet HTML 7Page - Sharp Corporation GP1S59J0000F Datasheet HTML 8Page - Sharp Corporation GP1S59J0000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Sheet No.: D2-A02701EN
GP1S59J0000F
■ Absolute Maximum Ratings
■ Electro-optical Characteristics
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
Input
∗1 Forward current
IF
50
mA
∗1, 2Peak forward current
IFM
1A
Reverse voltage
VR
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
20
mA
∗1 Collector power dissipation
PC
75
mW
Operating temperature
Topr
−25 to +85
˚C
Storage temperature
Tstg
−40 to +100
˚C
∗3Soldering temperature
Tsol
260
˚C
1 Refer to Fig. 1, 2, 3
2 Pulse width ≤ 100μs, Duty ratio=0.01
3 For 5s or less
(Ta=25˚C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF=20mA
1.25
1.4
V
Peak forward voltage
VFM
IFM=0.5A
3
4
V
Reverse current
IR
VR=3V
−−
10
μA
Output Collector dark current
ICEO
VCE=20V
1
100
nA
Transfer
charac-
teristics
Collector current
IC
VCE=5V, IF=20mA
0.5
10
mA
Collector-emitter saturation voltage
VCE(sat)
IF=40mA, IC=0.5mA
−−
0.4
V
Response time
Rise time
tr
VCE=2V, IC=2mA, RL=100Ω
315
μs
Fall time
tf
420


Similar Part No. - GP1S59J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S59 SHARP-GP1S59 Datasheet
58Kb / 4P
   Horizontal Slit Type Photointerrper
More results

Similar Description - GP1S59J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S51VJ000F SHARP-GP1S51VJ000F Datasheet
157Kb / 12P
   Gap : 3mm Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S53VJ000F SHARP-GP1S53VJ000F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1S58VJ000F SHARP-GP1S58VJ000F Datasheet
178Kb / 12P
   Gap : 5mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1L50J0000F SHARP-GP1L50J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L52VJ000F SHARP-GP1L52VJ000F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L51J0000F SHARP-GP1L51J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L53VJ000F SHARP-GP1L53VJ000F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52LRJ00F SHARP-GP1A52LRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com