Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2A200LCS0F Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2A200LCS0F
Description  Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A200LCS0F Datasheet(HTML) 2 Page - Sharp Corporation

  GP2A200LCS0F Datasheet HTML 1Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 2Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 3Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 4Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 5Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 6Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 7Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 8Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Sheet No.: D3-A05101EN
GP2A200LCS0F Series
■ Internal Connection Diagram
■ Outline Dimensions
(Unit : mm)
Product mass : approx. 1.95g
Voltage regulator
Amp.
Comparator
Oscillator circuit
Sync. detecting circuit
Demodulator circuit
Reflective object
1
2
3
VCC
VOUT
GND
1
2
3
33
17.7
6
6.2
7.8
12
26.5
φ3
+0
−0.2
3.1
(6.8)
1 2 3
1
2
3
VCC
VOUT
GND
Optical center
Connector : 292133-3 (Tyco Electronics AMP. K. K)
0
7
Date code
GP2A200LCS0F
GP2A200LCSCF
GP2A210LCSJF
Product mass : approx. 1.95g
Product mass : approx. 2.3g
Product mass : approx. 1.95g
GP2A240LCS0F
02
6
5.2
5.2
10.2
2
φ3.2
3.5
12
(6.8)
26.5
32
φ3
+0.0
−0.2
Connector : 292133-3
(Tyco Electronics AMP K.K.)
3
2
1
Optical center
3.5
4-SR1
Date code
1
2
3
VCC
VOUT
GND
View A
View A
99
33
(6.8)
17.7
6
6.2
φ3.2
12
7.8
26.5
3.1
φ3
+0.0
−0.2
Connector : 4-292133-3 (Yellow)
(Tyco Electronics AMP K.K.)
1 2 3
Date code
1
2
3
VCC
VOUT
GND
Optical center
51
33
(6.8)
17.7
6
6.2
φ3.2
12
7.8
26.5
3.1
φ3
+0.0
−0.2
Connector : 292133-3
(Tyco Electronics AMP K.K.)
1 2 3
Date code
1
2
3
VCC
VOUT
GND
Optical center
Connector terminal plating material : Sn
• Unspecified tolerance
shall be as follows ;
Dimensions Tolerance
less than 6
±0.2
6 or more
less than 14
±0.3
14 or more
±0.4
• *( ) : Reference dimensions
• Unspecified tolerance
shall be as follows ;
Dimensions Tolerance
less than 6
±0.2
6 or more
less than 14
±0.3
14 or more
±0.4
• *( ) : Reference dimensions
• Unspecified tolerance
shall be as follows ;
Dimensions Tolerance
less than 6
±0.2
6 or more
less than 14
±0.3
14 or more
±0.4
• *( ) : Reference dimensions
• Unspecified tolerance
shall be as follows ;
Dimensions Tolerance
less than 6
±0.2
6 or more
less than 14
±0.3
14 or more
±0.4
• *( ) : Reference dimensions
: Portion Built-in IR-90 filter


Similar Part No. - GP2A200LCS0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A200LCS SHARP-GP2A200LCS Datasheet
65Kb / 5P
   Light Modulation, Reflective Type Photointerrupter
More results

Similar Description - GP2A200LCS0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
   Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
   Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
   Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
   Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
   Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
   Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
   SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
   SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
   SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP1A21 SHARP-GP1A21 Datasheet
45Kb / 4P
   OPIC Photointerrupter with Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com