Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2S24CJ000F Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP2S24CJ000F
Description  Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S24CJ000F Datasheet(HTML) 5 Page - Sharp Corporation

  GP2S24CJ000F Datasheet HTML 1Page - Sharp Corporation GP2S24CJ000F Datasheet HTML 2Page - Sharp Corporation GP2S24CJ000F Datasheet HTML 3Page - Sharp Corporation GP2S24CJ000F Datasheet HTML 4Page - Sharp Corporation GP2S24CJ000F Datasheet HTML 5Page - Sharp Corporation GP2S24CJ000F Datasheet HTML 6Page - Sharp Corporation GP2S24CJ000F Datasheet HTML 7Page - Sharp Corporation GP2S24CJ000F Datasheet HTML 8Page - Sharp Corporation GP2S24CJ000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Sheet No.: D3-A01801EN
GP2S24J0000F Series
■ Model Line-up
Model No.
Rank
Collector current IC[μA]
(IF=4mA, VCE=2V, Ta=25˚C)
GP2S24J0000F
A, B or C
20 to 120
GP2S24BJ000F
B
34 to 71
GP2S24CJ000F
C
58 to 120
GP2S24ABJ00F
A or B
20 to 71
GP2S24BCJ00F
B or C
34 to 120
The ratio of each rank can not be guaranteed.
Please contact a local SHARP sales representative to inquire about production status.


Similar Part No. - GP2S24CJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S24 SHARP-GP2S24 Datasheet
72Kb / 5P
   Subminiature Photointerrupter
More results

Similar Description - GP2S24CJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
   SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
   Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
   Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
   SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
   SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
   Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
   Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
   Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-850X AVAGO-AEDR-850X Datasheet
264Kb / 10P
   3 Channel Refl ective Incremental Encoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com