Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66361-G200-X1 Datasheet(PDF) 4 Page - EPCOS

Part # B66361-G200-X1
Description  ETD 34/17/11 Core
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66361-G200-X1 Datasheet(HTML) 4 Page - EPCOS

  B66361-G200-X1 Datasheet HTML 1Page - EPCOS B66361-G200-X1 Datasheet HTML 2Page - EPCOS B66361-G200-X1 Datasheet HTML 3Page - EPCOS B66361-G200-X1 Datasheet HTML 4Page - EPCOS B66361-G200-X1 Datasheet HTML 5Page - EPCOS B66361-G200-X1 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ETD 34/17/11
Accessories
B66362
FER PMD ZUB E
18.09.03
Page 1 of 2
Coil former (magnetic axis vertical, squared pins)
Material:
GFR polyterephthalate, UL 94 V-0, insulation class to IEC 60085:
H = max. operating temperature 180 °C, color code black
(Rynite FR530; [E 69578 (M)]; E I DUPONT DE NEMOURS & CO INC)
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s
Winding:
see databook 2001, chapter Processing Notes, page 158
Yoke
Material: Stainless spring steel (0.4 mm)
Sections
AN (mm²)
lN (mm)
AR value (µ
Ω) Pins
Ordering code
1
122
60.5
17
14
B66362X1014T001
Yoke (ordering code per piece, 2 are required)
B66362A2000
Coil former
Yoke
FEK0432-A-E
39.6 max.
6 x 5.08 = 30.48
Hole arrangement
View in mounting direction
214
113
11.3 min.
Marking
of pin 1
1.5
25 min.
0.1
1_
23.4 max.
ø13.5 max.
0.8
FEK0203-J
11±0,2
9±0,3


Similar Part No. - B66361-G200-X1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66361 EPCOS-B66361 Datasheet
93Kb / 7P
   Ferrites and accessories
B66361 EPCOS-B66361 Datasheet
294Kb / 10P
   Ferrites and accessories
B66361G0000X127 EPCOS-B66361G0000X127 Datasheet
93Kb / 7P
   Ferrites and accessories
B66361G0000X127 EPCOS-B66361G0000X127 Datasheet
294Kb / 10P
   Ferrites and accessories
B66361G0000X127 EPCOS-B66361G0000X127_13 Datasheet
294Kb / 10P
   Ferrites and accessories
More results

Similar Description - B66361-G200-X1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66433 EPCOS-B66433 Datasheet
69Kb / 2P
   ER 28/17/11 Core
B66365 EPCOS-B66365 Datasheet
104Kb / 4P
   ETD 44/22/15 Core
B66363 EPCOS-B66363 Datasheet
104Kb / 4P
   ETD 39/20/13 Core
B66367 EPCOS-B66367 Datasheet
106Kb / 4P
   ETD 49/25/16 Core
B66397 EPCOS-B66397 Datasheet
106Kb / 4P
   ETD 59/31/22 Core
logo
Ferroxcube Internationa...
ETD59 FERROXCUBE-ETD59_1 Datasheet
17Kb / 1P
   ETD core s and accessories
logo
EPCOS
B66358 EPCOS-B66358 Datasheet
138Kb / 5P
   ETD 29/16/10 Core
B66395 EPCOS-B66395 Datasheet
105Kb / 4P
   ETD 54/28/19 Core
B66370 EPCOS-B66370 Datasheet
78Kb / 2P
   E 34/14/9 Core
logo
Ferroxcube Internationa...
CP-EC70-1S FERROXCUBE-CP-EC70-1S_17 Datasheet
79Kb / 2P
   Dimensions for product: EC70/34/17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com