Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7392 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA7392
Description  Channel encoder/decoder CDR60
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7392 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA7392 Datasheet HTML 6Page - NXP Semiconductors SAA7392 Datasheet HTML 7Page - NXP Semiconductors SAA7392 Datasheet HTML 8Page - NXP Semiconductors SAA7392 Datasheet HTML 9Page - NXP Semiconductors SAA7392 Datasheet HTML 10Page - NXP Semiconductors SAA7392 Datasheet HTML 11Page - NXP Semiconductors SAA7392 Datasheet HTML 12Page - NXP Semiconductors SAA7392 Datasheet HTML 13Page - NXP Semiconductors SAA7392 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
7.2
Register map
Table 3
Register map
ADDRESS
(HEX)
REGISTER NAME
TYPE
FUNCTION
BLOCK
RESPONSIBLE
00
PLL Lock Select Register (PLLLock)
Write
PLL lock select
bit detector
Read
8-bit PLL frequency
bit detector
01
PLL Bandwidth Select Register (PLLSet)
Write
PLL bandwidth select
bit detector
Read
8-bit asymmetry signal
bit detector
02
PLL Frequency Preset Register (PLLFreq)
Write
PLL frequency preset
bit detector
Read
8-bit jitter signal
bit detector
03
PLL Equalizer Preset Register (PLLEqu)
Write
PLL equalizer preset
bit detector
Read
Observe internal lock flags
bit detector
04
PLL Lock Aid2 Preset Register (PLLFMeas)
Write
PLL lock aid 2 preset
bit detector
05
I2S Output Register 1 (Output1)
Write
I2S output 1
serial out
06
I2S Output Register 2 (Output2)
Write
I2S output 2
serial out
07
I2S Output Register 3 (Output3)
Write
I2S output 3
serial out
08
Semaphore Register 1 (Sema1)
Write/Read
Inter-microprocessor
communication
sub-CPU
09
Semaphore Register 2 (Sema2)
Write/Read
Inter-microprocessor
communication
sub-CPU
0A
Semaphore Register 3 (Sema3)
Write/Read
Inter-microprocessor
communication
sub-CPU
0B
Interrupt Enable Register (IntEn)
Write
Enable interrupts
sub-CPU
0B
Status Register (Status)
Read
Interrupt status
sub-CPU
0C
Motor Control Register 1 (Motor1)
Write
Frequency set-point
motor/tacho
Read
8-bit slicer compensation
value
bit detector
0D
Motor Mode Select Register 2 (Motor2)
Write
Motor coefficient preset
motor/tacho
Read
Opening of eye pattern
bit detector
0E
Motor Control Register 3 (Motor3)
Write
Motor integrator preset
motor/tacho
Read
Read back of motor frequency motor/tacho
0F
Motor Control Register 4 (Motor4)
Write
Motor control
motor/tacho
10
Motor Control Register 5 (Motor5)
Read/Write
Motor integrator value
motor/tacho
11
Motor Control Register 6 (Motor6)
Read/Write
Motor integrator value
motor/tacho


Similar Part No. - SAA7392

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7390 PHILIPS-SAA7390 Datasheet
366Kb / 76P
   High performance Compact Disc-Recordable CD-R controller
1996 Jul 02
SAA7390GP PHILIPS-SAA7390GP Datasheet
366Kb / 76P
   High performance Compact Disc-Recordable CD-R controller
1996 Jul 02
SAA7391 PHILIPS-SAA7391 Datasheet
370Kb / 108P
   ATAPI CD-R block encoder/decoder
1997 Aug 01
SAA7391H PHILIPS-SAA7391H Datasheet
370Kb / 108P
   ATAPI CD-R block encoder/decoder
1997 Aug 01
More results

Similar Description - SAA7392

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9303 TRIQUINT-TQ9303 Datasheet
348Kb / 25P
   Fibre Channel Encoder/Decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
   PROGRAMMABLE ENCODER/DECODER
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120_07 Datasheet
768Kb / 36P
   Infrared Encoder/Decoder
2007
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
logo
Aeroflex Circuit Techno...
MT62901 AEROFLEX-MT62901 Datasheet
300Kb / 6P
   ARINC629 ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com