Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66418-B2000 Datasheet(PDF) 1 Page - EPCOS

Part # B66418-B2000
Description  EFD 20/10/7 Core
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66418-B2000 Datasheet(HTML) 1 Page - EPCOS

  B66418-B2000 Datasheet HTML 1Page - EPCOS B66418-B2000 Datasheet HTML 2Page - EPCOS B66418-B2000 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
510 08/01
I E core with flattened, lower center leg
for especially flat transformer design
I For DC/DC converters
I EFD cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 1,52 mm–1
le
= 47 mm
Ae
= 31 mm2
Amin = 31 mm2
Ve
= 1 460 mm3
Approx. weight 7,2 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 1,40 mm
K3, K4: 50 nH < AL < 410 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N49
910 + 30/– 20 % 1100 750
< 0,29
(50 mT, 500 kHz, 100 °C)
B66417-G-X149
N87
1200 + 30/– 20 % 1440 660
< 1,05
(200 mT, 100 kHz, 100 °C)
B66417-G-X187
Material
AL value
nH
µe
g
approx. mm
Ordering code
N87
100
± 10 %
120
0,49
B66417-U100-K187
160
± 10 %
193
0,25
B66417-U160-K187
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N87
61,1
– 0,699
85,4
– 0,796
75,7
– 0,873
B66417
Core
EFD 20/10/7


Similar Part No. - B66418-B2000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66418 EPCOS-B66418 Datasheet
151Kb / 5P
   Ferrites and accessories
B66418 EPCOS-B66418 Datasheet
254Kb / 8P
   Ferrites and accessories
logo
TDK Electronics
B66418 TDK-B66418 Datasheet
415Kb / 8P
   Ferrites and accessories
logo
EPCOS
B66418B2000X000 EPCOS-B66418B2000X000 Datasheet
151Kb / 5P
   Ferrites and accessories
B66418B2000X000 EPCOS-B66418B2000X000 Datasheet
254Kb / 8P
   Ferrites and accessories
More results

Similar Description - B66418-B2000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66411 EPCOS-B66411 Datasheet
77Kb / 2P
   EFD 10/5/3 Core
B66421 EPCOS-B66421 Datasheet
86Kb / 3P
   EFD 25/13/9 Core
B66423 EPCOS-B66423 Datasheet
87Kb / 3P
   EFD 30/15/9 Core
B66315 EPCOS-B66315 Datasheet
74Kb / 2P
   E 25,4/10/7 Core
B66311 EPCOS-B66311 Datasheet
139Kb / 7P
   E 20/10/6 (EF 20) Core
logo
FERYSTER Inductive Comp...
EFD-15-K-10P-4S-SMD FERYSTER-EFD-15-K-10P-4S-SMD Datasheet
104Kb / 1P
   EFD Bobbin
EFD15-K-H-9P FERYSTER-EFD15-K-H-9P Datasheet
91Kb / 1P
   EFD Bobbin
logo
Fair-Rite Products Corp...
8978252521 FAIR-RITE-8978252521 Datasheet
512Kb / 1P
   EFD Cores
8998101021 FAIR-RITE-8998101021 Datasheet
512Kb / 1P
   EFD Cores
8978151521 FAIR-RITE-8978151521 Datasheet
512Kb / 1P
   EFD Cores
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com