Electronic Components Datasheet Search |
|
B43896A1686M009 Datasheet(PDF) 3 Page - EPCOS |
|
B43896A1686M009 Datasheet(HTML) 3 Page - EPCOS |
3 / 24 page Specifications and characteristics in brief Rated voltage VR Surge voltage VS 160 ... 450 V DC 1.1 VR Rated capacitance CR Capacitance tolerance 4.7 ... 220 µF ±20% M Dissipation factor tan δ (20 °C, 120 Hz) VR ≤ 250 V DC: tan δ = 0.20 VR ≥ 350 V DC: tan δ = 0.24 Leakage current Ileak (20 °C, 5 min) Self-inductance ESL Diameter (mm) ≤ 12.5 16 18 ESL (nH) 20 26 34 Useful life 125 °C, V R, IAC,R > 3000 h Requirements ∆C/C ≤ ±35% of initial value tan δ ≤ 3 times initial specified limit Ileak ≤ initial specified limit Voltage endurance test 125 °C, V R 3000 h Post test requirements ∆C/C ≤ ±30% of initial value tan δ ≤ 2 times initial specified limit Ileak ≤ initial specified limit Vibration resistance test To IEC 60068-2-6, test Fc: Displacement amplitude 0.75 mm, frequency range 10 ... 2000 Hz, acceleration max. 20 g, duration 3 × 2 h. Capacitor rigidly clamped by the aluminum case. IEC climatic category To IEC 60068-1: VR ≤ 250 V: 40/125/56 ( 40 °C/+125 °C/56 days damp heat test) VR ≥ 350 V: 25/125/56 ( 25 °C/+125 °C/56 days damp heat test) Sectional specification IEC 60384-4 B43896 Up to 125 °C Page 3 of 24 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B43896A1686M009 |
|
Similar Description - B43896A1686M009 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |