Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82721 Datasheet(PDF) 6 Page - EPCOS

Part # B82721
Description  Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82721 Datasheet(HTML) 6 Page - EPCOS

Back Button B82721 Datasheet HTML 2Page - EPCOS B82721 Datasheet HTML 3Page - EPCOS B82721 Datasheet HTML 4Page - EPCOS B82721 Datasheet HTML 5Page - EPCOS B82721 Datasheet HTML 6Page - EPCOS B82721 Datasheet HTML 7Page - EPCOS B82721 Datasheet HTML 8Page - EPCOS B82721 Datasheet HTML 9Page - EPCOS B82721 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
352 04/00
Dimensional drawings and pin configuration
General technical data
For further technical data see page 334. For impedance = f (
f ) see page 356
Characteristics and ordering codes
Rated voltage
VR
250 Vac
Test voltage
VT
1500 Vac, 2 s (line/line)
Rated current
IR
Referred to 50 Hz and 60
°C ambient temperature
Inductance tolerance
± 30 %
Weight
Approx. 40 g
IR
A
LR
mH
LS, typ
µH
Rtyp
m
Ordering code
1
47
550
880
B82724-B2102-N1
2
10
110
230
B82724-B2202-N1
4
3,9
40
58
B82724-B2402-N1
6
1,8
16
23
B82724-B2602-N1
B82724-B
Chokes for Power Lines
Current-Compensated Ring Core Double Chokes


Similar Part No. - B82721

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82721-A2122-N20 EPCOS-B82721-A2122-N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
B82721-A2122-N20 EPCOS-B82721-A2122-N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
B82721-A2122-N20 EPCOS-B82721-A2122-N20 Datasheet
282Kb / 10P
   Chokes for Power Lines
B82721-A2152-N1 EPCOS-B82721-A2152-N1 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
B82721-A2152-N1 EPCOS-B82721-A2152-N1 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
More results

Similar Description - B82721

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S EPCOS-B82720S Datasheet
75Kb / 5P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82765 EPCOS-B82765 Datasheet
143Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
B82745 EPCOS-B82745 Datasheet
128Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82747 EPCOS-B82747 Datasheet
87Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
logo
TDK Electronics
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
   Power line chokes Current-compensated ring core double chokes
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com