Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82726-S Datasheet(PDF) 2 Page - EPCOS

Part # B82726-S
Description  Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82726-S Datasheet(HTML) 2 Page - EPCOS

  B82726-S Datasheet HTML 1Page - EPCOS B82726-S Datasheet HTML 2Page - EPCOS B82726-S Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
358 04/00
Dimensional drawing and pin configuration
General technical data
For further technical data see page 334
Characteristics and ordering codes
Test voltage
VT
1500 Vac, 2 s (line/line)
Rated current
IR
Referred to 50 Hz and 40
°C ambient temperature
Inductance tolerance
± 30 %
Weight
Approx. 80 g
IR
A
LR
mH
LS, typ
µH
Rtyp
m
Ordering code
16
1,4
21
7
B82726-S2163-N1
SSB1385-X
1±0,2
4+1
49 max.
16,5±0,4
23±0,2
B82726-S
Chokes for Power Lines
Current-Compensated Ring Core Double Chokes


Similar Part No. - B82726-S

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82726E6203B041 TDK-B82726E6203B041 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82726E6213A040 TDK-B82726E6213A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82726E6243A041 TDK-B82726E6243A041 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82726E6263A040 TDK-B82726E6263A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82726E6283B040 TDK-B82726E6283B040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
More results

Similar Description - B82726-S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S EPCOS-B82720S Datasheet
75Kb / 5P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82765 EPCOS-B82765 Datasheet
143Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
B82745 EPCOS-B82745 Datasheet
128Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82747 EPCOS-B82747 Datasheet
87Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
logo
TDK Electronics
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
   Power line chokes Current-compensated ring core double chokes
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com