Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84298A0044L024 Datasheet(PDF) 2 Page - EPCOS

Part # B84298A0044L024
Description  Installation Accessories
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84298A0044L024 Datasheet(HTML) 2 Page - EPCOS

  B84298A0044L024 Datasheet HTML 1Page - EPCOS B84298A0044L024 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Flexible connector fittings, nominal width 40 mm
Dimensional drawing
Available lengths:
L1
Increment
Tolerance
Ordering code
6 up to 100 cm
2 cm
±5 mm
B84298A0044L***
>100 up to 400 cm
5 cm
±5 mm
>400 up to 500 cm
5 cm
±5 mm
*** = required length
>500 up to 600 cm
10 cm
±10 mm
Example for length 24 cm:
>600 up to 980 cm
20 cm
±10 mm
B84298A0044L024
Installation of filters with internal thread PG 42
Note:
Use new RF gaskets after replacing connector
fitting.
Ordering code for replacement RF gaskets
(per set): B84298M0042C901
Installation accessories
B84298A0044L
2


Similar Part No. - B84298A0044L024

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84298A0042L EPCOS-B84298A0042L Datasheet
156Kb / 2P
   Installation Accessories
B84298A0042L002 EPCOS-B84298A0042L002 Datasheet
156Kb / 2P
   Installation Accessories
B84298A0042L005 EPCOS-B84298A0042L005 Datasheet
156Kb / 2P
   Installation Accessories
B84298A0042L010 EPCOS-B84298A0042L010 Datasheet
156Kb / 2P
   Installation Accessories
B84298A0042L020 EPCOS-B84298A0042L020 Datasheet
156Kb / 2P
   Installation Accessories
More results

Similar Description - B84298A0044L024

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-520 ADVANTECH-UTC-520 Datasheet
262Kb / 1P
   Installation Accessories
logo
EPCOS
B84298A0046L EPCOS-B84298A0046L Datasheet
130Kb / 2P
   Installation Accessories
B84298M EPCOS-B84298M Datasheet
269Kb / 5P
   Installation Accessories
B84298A0042L EPCOS-B84298A0042L Datasheet
156Kb / 2P
   Installation Accessories
logo
Advantech Co., Ltd.
UTC-515 ADVANTECH-UTC-515 Datasheet
262Kb / 1P
   Installation Accessories
UTC ADVANTECH-UTC Datasheet
780Kb / 2P
   UTC Series Installation Accessories
logo
Tripp Lite. All Rights ...
UPSWM TRIPPLITE-UPSWM Datasheet
472Kb / 2P
   Wall-Mount Bracket and Installation Accessories for select UPS Systems
logo
Honeywell Solid State E...
4AV15F HONEYWELL-4AV15F Datasheet
78Kb / 4P
   Installation Instructions
logo
M-System Co.,Ltd.
M1EBS MSYSTEM-M1EBS Datasheet
170Kb / 2P
   INSTALLATION BASE
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com