Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7712 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7712
Description  Sound effects DSP
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7712 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7712 Datasheet HTML 5Page - NXP Semiconductors SAA7712 Datasheet HTML 6Page - NXP Semiconductors SAA7712 Datasheet HTML 7Page - NXP Semiconductors SAA7712 Datasheet HTML 8Page - NXP Semiconductors SAA7712 Datasheet HTML 9Page - NXP Semiconductors SAA7712 Datasheet HTML 10Page - NXP Semiconductors SAA7712 Datasheet HTML 11Page - NXP Semiconductors SAA7712 Datasheet HTML 12Page - NXP Semiconductors SAA7712 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
1999 Aug 05
9
Philips Semiconductors
Preliminary specification
Sound effects DSP
SAA7712H
Table 1
Pin types
n.c.
78
not connected
n.c.
79
not connected
n.c.
80
not connected
PIN NAME
PIN DESCRIPTION
B4CR
4 mA slew rate controlled digital output
BD4CR
4 mA slew rate controlled digital I/O
BD4CRD
4 mA slew rate controlled digital I/O with pull-down resistor
BT4CR
4 mA slew rate controlled 3-state digital output
IBUF
digital input
IBUFU
digital input with pull-up resistor
IBUFD
digital input with pull-down resistor
BD4SCI4
I2C-bus input/output with open-drain NMOS 4 mA output
SCHMITCD
Schmitt trigger input
AP2D
analog input/output
OSC
analog input/output
VDD5
5 V VDD internal
VDD3
3 V VDD internal
VSS3S
3 or 5 V VSS internal substrate
VSS5
5 V VSS external
APVDD
analog VDD
APVSS
analog VSS
SYMBOL
PIN
DESCRIPTION
PIN TYPE


Similar Part No. - SAA7712

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7710T PHILIPS-SAA7710T Datasheet
187Kb / 28P
   Dolby* Pro Logic Surround; Incredible Sound
1998 Mar 13
SAA7710T/N104 PHILIPS-SAA7710T/N104 Datasheet
187Kb / 28P
   Dolby* Pro Logic Surround; Incredible Sound
1998 Mar 13
SAA7715 PHILIPS-SAA7715 Datasheet
180Kb / 36P
   Digital Signal Processor
2001 May 07
SAA7715H PHILIPS-SAA7715H Datasheet
180Kb / 36P
   Digital Signal Processor
2001 May 07
More results

Similar Description - SAA7712

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3303 ATMEL-ATSAM3303 Datasheet
182Kb / 25P
   GM-Lite Synthesizer/Professional Effects DSP
ATSAM3103 ATMEL-ATSAM3103 Datasheet
179Kb / 24P
   ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
logo
List of Unclassifed Man...
SAA1099 ETC1-SAA1099 Datasheet
1,014Kb / 15P
   MICROPROCESSOR CONTROLLED STEREO SOUND GENERATOR FOR SOUND EFFECTS AND MUSIC SYNTHESIS
logo
Intersil Corporation
D2-926XX INTERSIL-D2-926XX Datasheet
911Kb / 37P
   Integrated DSP Digital Sound Processing
logo
Altonics Co., Ltd.
QS6400 ALTONICS-QS6400 Datasheet
362Kb / 8P
   Advanced ADPCM SOUND DSP for Mobile
logo
ATMEL Corporation
AT85C51SND3B ATMEL-AT85C51SND3B_14 Datasheet
2Mb / 271P
   3-band EQ and Bass Boost and 3D Sound Effects
logo
STMicroelectronics
TS4999EIJT STMICROELECTRONICS-TS4999EIJT Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
December 2008 Rev 1
TS4999 STMICROELECTRONICS-TS4999 Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
logo
Texas Instruments
TAS3103 TI1-TAS3103_12 Datasheet
1Mb / 150P
[Old version datasheet]   Digital Audio Processor With 3D Effects
logo
STMicroelectronics
AN2984 STMICROELECTRONICS-AN2984 Datasheet
224Kb / 8P
   Minimizing the SET-related effects
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com