Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC607 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC607
Description  GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC607 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC607 Datasheet HTML 1Page - Hittite Microwave Corporation HMC607 Datasheet HTML 2Page - Hittite Microwave Corporation HMC607 Datasheet HTML 3Page - Hittite Microwave Corporation HMC607 Datasheet HTML 4Page - Hittite Microwave Corporation HMC607 Datasheet HTML 5Page - Hittite Microwave Corporation HMC607 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4
4 - 34
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Absolute Maximum Ratings
Control Voltages
State
Bias Condition
Low
0 to -0.2V @ 10 uA Max.
High
-5V @ 10 uA Typ. to -7V @ 45 uA Typ.
RF Input Power (A, A, B, B = 0/-5V)
(0.5 - 6 GHz)
+30 dBm (@ +50 °C)
Control Voltage Range (A, A, B, B)
+1.0V to -7.5 Vdc
Channel Temperature
150 °C
Thermal Resistance (R
TH
)
(junction to lead)
94 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC607
GaAs MMIC HIGH ISOLATION
SPDT SWITCH, DC - 15 GHz
v00.0307
Suggested Driver Circuit for Single Line Control
Control Input
Signal Path State
B
B
A
A
RFC to RF1
RFC to RF2
Low
High
Low
High
ON
OFF
High
Low
High
Low
OFF
ON
High
Low
Low
High
OFF
OFF
Low
High
High
Low
ON
ON
Caution: Do not “Hot Switch” power levels greater than +27 dBm (A, A, B, B = 0/-5V).


Similar Part No. - HMC607

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC607 HITTITE-HMC607 Datasheet
214Kb / 6P
   GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
HMC607G7 HITTITE-HMC607G7 Datasheet
194Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC607G7 HITTITE-HMC607G7 Datasheet
270Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC607G7 HITTITE-HMC607G7_08 Datasheet
194Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC607 HITTITE-HMC607_09 Datasheet
214Kb / 6P
   GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
More results

Similar Description - HMC607

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC607 HITTITE-HMC607_09 Datasheet
214Kb / 6P
   GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
logo
Stanford Microdevices
SSW-224 STANFORD-SSW-224 Datasheet
162Kb / 3P
   DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
   DC-4 GHz High Isolation GaAs MMIC SPDT Switch
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
   DC-6 GHz High Isolation SPDT GaAs MMIC Switch
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
   DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7_01 Datasheet
85Kb / 4P
   GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 6 GHz
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
   GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
HMC347C8 HITTITE-HMC347C8 Datasheet
179Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC234C8 HITTITE-HMC234C8 Datasheet
191Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC232G7 HITTITE-HMC232G7_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com