Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1.5KPS440 Datasheet(PDF) 4 Page - Solid States Devices, Inc

Part # ST1.5KPS440
Description  1,500 WATTS PEAK PULSE POWER 6.8 - 440 VOLTS UNI-DIRECTIONAL AND BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

ST1.5KPS440 Datasheet(HTML) 4 Page - Solid States Devices, Inc

  ST1.5KPS440 Datasheet HTML 1Page - Solid States Devices, Inc ST1.5KPS440 Datasheet HTML 2Page - Solid States Devices, Inc ST1.5KPS440 Datasheet HTML 3Page - Solid States Devices, Inc ST1.5KPS440 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
ST1.5KPS6.8 thru ST1.5KPS440
and
ST1.5KPB6.8 thru ST1.5KPB440
FIGURE 1
DIMENSIONS
DIM
MIN
MAX
A
0.190”
0.210”
B
0.355”
0.385”
C
1.00”
––
D
0.038”
0.042”
C
B
C
ØA
ØD
FIGURE 2
FIGURE 3


Similar Part No. - ST1.5KPS440

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
ST1.5KPS10 SSDI-ST1.5KPS10 Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
ST1.5KPS10A SSDI-ST1.5KPS10A Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
ST1.5KPS11 SSDI-ST1.5KPS11 Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
ST1.5KPS11A SSDI-ST1.5KPS11A Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
ST1.5KPS12 SSDI-ST1.5KPS12 Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - ST1.5KPS440

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6KE6.8A CENTRAL-P6KE6.8A Datasheet
425Kb / 2P
   UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 600 WATTS, 6.8 THRU 440 VOLTS
1.5CE6.8A CENTRAL-1.5CE6.8A_11 Datasheet
336Kb / 2P
   UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 1500 WATTS, 6.8 THRU 440 VOLTS
logo
Solid States Devices, I...
SDA384 SSDI-SDA384 Datasheet
147Kb / 2P
   2600 WATTS PEAK PULSE POWER 12,7 VOLTS BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P6KE6.8 CHENDA-P6KE6.8 Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
P4KE6.8 CHENDA-P4KE6.8 Datasheet
838Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power400 Watts
logo
Central Semiconductor C...
P6SMB68A CENTRAL-P6SMB68A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
15SMC68A CENTRAL-15SMC68A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
15SMC68CA CENTRAL-15SMC68CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
EIC discrete Semiconduc...
1N5610 EIC-1N5610 Datasheet
110Kb / 2P
   UNI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
P6SMB68CA CENTRAL-P6SMB68CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com