Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP06M Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBP06M
Description  1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBP06M Datasheet(HTML) 1 Page - Won-Top Electronics

  KBP06M Datasheet HTML 1Page - Won-Top Electronics KBP06M Datasheet HTML 2Page - Won-Top Electronics KBP06M Datasheet HTML 3Page - Won-Top Electronics KBP06M Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBP005M – KBP10M
1 of 4
© 2006 Won-Top Electronics
Pb
KBP005M – KBP10M
1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
Glass Passivated Die Construction
Low Forward Voltage Drop
A
L
High Current Capability
High Reliability
High Surge Current Capability
J
B
Ideal for Printed Circuit Boards
-
~
~
+
Recognized File # E157705
K
C
Mechanical Data
Case: KBPM, Molded Plastic
I
H
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
E
Polarity: As Marked on Body
Weight: 1.7 grams (approx.)
D
G
Mounting Position: Any
Marking: Type Number
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBP
005M
KBP
01M
KBP
02M
KBP
04M
KBP
06M
KBP
08M
KBP
10M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 50°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage per leg
@IF = 1.5A
VFM
1.3
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Rating for Fusing (t<8.3ms)
I
2
t
10
A
2s
Typical Junction Capacitance per leg (Note 1)
Cj
15
pF
Typical Thermal Resistance per leg (Note 2)
RθJA
RθJL
40
13
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on PC board with 12mm
2 copper pad.
WTE
POWER SEMICONDUCTORS
KBPM
Dim
Min
Max
A
14.22
15.24
B
10.67
11.68
C
15.20
D
4.30
4.70
E
3.60
4.10
G
2.75
3.15
H
0.76
0.86
I
1.52
J
11.68
12.70
K
12.7
L
3.2 x 45° Typical
All Dimensions in mm


Similar Part No. - KBP06M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP06M WTE-KBP06M Datasheet
35Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
KBP06M GE-KBP06M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE RECTIFIER BRIDGE
logo
Vishay Siliconix
KBP06M VISHAY-KBP06M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Fairchild Semiconductor
KBP06M FAIRCHILD-KBP06M Datasheet
44Kb / 3P
   Bridge Rectifiers
logo
Vishay Siliconix
KBP06M VISHAY-KBP06M Datasheet
102Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
More results

Similar Description - KBP06M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP150G WTE-KBP150G_06 Datasheet
63Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
W005G WTE-W005G_06 Datasheet
47Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DF150 WTE-DF150_06 Datasheet
56Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RB151 YFWDIODE-RB151 Datasheet
642Kb / 3P
   1.5A SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gulf Semiconductor
KBP08G-E GULFSEMI-KBP08G-E Datasheet
109Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 800V Current:1.5A
G2SBA60-E GULFSEMI-G2SBA60-E Datasheet
165Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 600V Current: 1.5A
logo
Diodes Incorporated
W005G DIODES-W005G Datasheet
52Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
KBP005G DIODES-KBP005G_15 Datasheet
92Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DBF1505 ZSELEC-DBF1505 Datasheet
162Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB152 YFWDIODE-DB152 Datasheet
436Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com