Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC1010 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # KBPC1010
Description  10A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC1010 Datasheet(HTML) 3 Page - Won-Top Electronics

  KBPC1010 Datasheet HTML 1Page - Won-Top Electronics KBPC1010 Datasheet HTML 2Page - Won-Top Electronics KBPC1010 Datasheet HTML 3Page - Won-Top Electronics KBPC1010 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KBPC10 SERIES
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Case Style
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
KBPC
195 x 195 x 40
50
405 x 205 x 240
500
17.0
KBPC-W
195 x 195 x 40
50
405 x 205 x 240
500
16.0
Note: 1. Paper box, white or brown color.
BULK
+ WTE
KBPC10xxW
AC
KBPC
+ WTE
KBPC10xx
AC
KBPC-W
WTE
= Manufacturer’s Logo
KBPC10xx
= Device Number
xx
= 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16
Polarity
= As Marked on Body
WTE
= Manufacturer’s Logo
KBPC10xxW = Device Number
xx
= 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16
Polarity
= As Marked on Body


Similar Part No. - KBPC1010

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBPC1010 EIC-KBPC1010 Datasheet
145Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 03:September 3, 2012
logo
Won-Top Electronics
KBPC1010 WTE-KBPC1010 Datasheet
47Kb / 3P
   10A HIGH CURRENT BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
KBPC1010 SEMTECH_ELEC-KBPC1010 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC1010 DGNJDZ-KBPC1010 Datasheet
193Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
KBPC1010 SAMYANG-KBPC1010 Datasheet
489Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBPC1010

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1000S WTE-PB1000S Datasheet
50Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10P WTE-KBPC10P Datasheet
55Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB1005 TAITRON-TB1005 Datasheet
177Kb / 4P
   10A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBU1000 WTE-KBU1000_06 Datasheet
50Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
PB1000 WTE-PB1000_06 Datasheet
60Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
MP1000 WTE-MP1000_06 Datasheet
46Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10S WTE-KBPC10S Datasheet
66Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBJ10 NELLSEMI-GBJ10 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Won-Top Electronics
KBU1000G WTE-KBU1000G_06 Datasheet
52Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBPC1000 ZSELEC-GBPC1000 Datasheet
89Kb / 2P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com