Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37472K5103K070 Datasheet(PDF) 9 Page - EPCOS

Part # B37472K5103K070
Description  Multilayer ceramic capacitors Chip capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37472K5103K070 Datasheet(HTML) 9 Page - EPCOS

Back Button B37472K5103K070 Datasheet HTML 5Page - EPCOS B37472K5103K070 Datasheet HTML 6Page - EPCOS B37472K5103K070 Datasheet HTML 7Page - EPCOS B37472K5103K070 Datasheet HTML 8Page - EPCOS B37472K5103K070 Datasheet HTML 9Page - EPCOS B37472K5103K070 Datasheet HTML 10Page - EPCOS B37472K5103K070 Datasheet HTML 11Page - EPCOS B37472K5103K070 Datasheet HTML 12Page - EPCOS B37472K5103K070 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
X8R
Multilayer ceramic capacitors
Typical characteristics1)
Capacitance change
DC/C25 versus
temperature T
Capacitance change
DC/C0 versus
superimposed DC voltage V
Impedance |Z| versus
frequency f
Dissipation factor tan
d versus
temperature T
1) For more detailed information on frequency behavior and characteristics see www.epcos.com/mlcc_impedance.
KKE0417-6
T
%
_
60
_
C
˚
50
_
45
_
40
_
35
_
30
_
25
_
20
_
15
_
5
_
0
5
15
10
_
40
_
20
_
0 20 40 60 80 100 120
160
C25
C
KKE0489-3
C0
C
V
%
0
5
5
_
10
_
15
_
20
_
25
_
30
_
35
_
100 nF/50 V/size 1206
50
10
05
30
20
15
25
40
35
45
V
KKE0264-6
10 0
10 1
10 2
10
4
Z
10 0
10 1
10
10 2
MHz
3
f
100 nF
10 nF
1 nF
1
10
_
10
_2
Case size 1206
KKE0265-D
tan
T
δ
3
10
_
10
_2
10
_1
0
60
_
40
_
20
_
120
60
20 40
80 100
˚C 160
X8R


Similar Part No. - B37472K5103K070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37472K5103K070 EPCOS-B37472K5103K070 Datasheet
146Kb / 10P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37472K5103K070

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X7R1A472K030BA TDK-C0603X7R1A472K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com