Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA8122A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SAA8122A
Description  Digital Still Camera Processor ImagIC family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8122A Datasheet(HTML) 1 Page - NXP Semiconductors

  SAA8122A Datasheet HTML 1Page - NXP Semiconductors SAA8122A Datasheet HTML 2Page - NXP Semiconductors SAA8122A Datasheet HTML 3Page - NXP Semiconductors SAA8122A Datasheet HTML 4Page - NXP Semiconductors SAA8122A Datasheet HTML 5Page - NXP Semiconductors SAA8122A Datasheet HTML 6Page - NXP Semiconductors SAA8122A Datasheet HTML 7Page - NXP Semiconductors SAA8122A Datasheet HTML 8Page - NXP Semiconductors SAA8122A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SAA8122A
Digital Still Camera Processor (ImagIC family)
Rev. 01 — 20 April 2000
Objective specification
c
c
1.
Description
The DSC SAA8122A is a high performance, low power, single-chip Million
Instructions Per Second (MIPS) based signal processor, part of the ImagIC family,
which is dedicated to image processing, compression, formatting and storage. The
DSC SAA8122A is optimized for use with Philips range of CCDs (e.g: FXA1022,
2 Mpixels CCD), V-driver (TDA9991), CDS/PGA/ADC (TDA9952), allowing easy
implementation of a complete system solution and fast development of high
performance consumer digital still cameras.
The SAA8122A is designed as a single-chip device, able to perform all treatments
and connections required for a wide range of Digital Still Cameras. Its embedded
RISC CPU, for which the development environment is available, enables shorter
development and validation cycles, as well as faster feature upgrade. Since one of
the main objectives of the SAA8122A is addressing a wide range of CCD sensors, a
DSP (with advanced embedded algorithm) for camera signal processing is integrated
with a high level of programmability for pulses generation.
The JPEG core is hardware based in order to allow high-speed image data
compression.
2.
Features
2.1 General
s Supports a wide range of progressive CCDs (VGA, SVGA, QGA, XGA, EQGA),
with RGB Bayer filters up to 2 Mpixels
s Performs an advanced RGB to YUV conversion
s Includes a smart measurement unit to speed up the control loop (focus, auto white
balance, etc.)
s Supports a wide range of LCD and TV formats (both NTSC and PAL) with text
insertion features
s Includes an embedded JPEG encoder/decoder unit
s Includes a MIPS PR3001 CPU, running at a frequency in a range from
12 to 28 MHz
s PRISC compatible PI-bus architecture, interrupt, power management, clock and
reset architectures
s Includes a dedicated video bus supporting SDRAM memory for picture storage


Similar Part No. - SAA8122A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
SAA8122E PHILIPS-SAA8122E Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
SAA8122E/C1 PHILIPS-SAA8122E/C1 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
More results

Similar Description - SAA8122A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
logo
SONiX Technology Compan...
SN9C2038AF SONIX-SN9C2038AF Datasheet
666Kb / 8P
   1.3M PIXELS DIGITAL STILL CAMERA SIGNAL PROCESSOR
logo
List of Unclassifed Man...
SPCA-533A ETC-SPCA-533A Datasheet
135Kb / 4P
   Digital Still Camera Controller
logo
Integrated Circuit Syst...
ICS620-01 ICST-ICS620-01 Datasheet
64Kb / 4P
   Digital Still Camera Clock Source
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
   Clock generator for digital still camera
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
   Clock generator for digital still camera
BU2382FV ROHM-BU2382FV Datasheet
60Kb / 7P
   Clock generator for digital still camera
logo
Panasonic Semiconductor
MN103S5405YD PANASONIC-MN103S5405YD Datasheet
43Kb / 3P
   Chip-set for Digital Still Camera
logo
ON Semiconductor
LA74309FA-BH ONSEMI-LA74309FA-BH Datasheet
93Kb / 5P
   Microphone Amplifier for Digital Still Camera
May, 2013
logo
Sanyo Semicon Device
LA74309FA SANYO-LA74309FA Datasheet
120Kb / 5P
   Microphone Amplifier for Digital Still Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com