Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC2512 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # KBPC2512
Description  25A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC2512 Datasheet(HTML) 4 Page - Won-Top Electronics

  KBPC2512 Datasheet HTML 1Page - Won-Top Electronics KBPC2512 Datasheet HTML 2Page - Won-Top Electronics KBPC2512 Datasheet HTML 3Page - Won-Top Electronics KBPC2512 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBPC25 SERIES
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBPC2500
Square Bridge
50 Units/Box
KBPC2500W
Square Bridge
50 Units/Box
KBPC2501
Square Bridge
50 Units/Box
KBPC2501W
Square Bridge
50 Units/Box
KBPC2502
Square Bridge
50 Units/Box
KBPC2502W
Square Bridge
50 Units/Box
KBPC2504
Square Bridge
50 Units/Box
KBPC2504W
Square Bridge
50 Units/Box
KBPC2506
Square Bridge
50 Units/Box
KBPC2506W
Square Bridge
50 Units/Box
KBPC2508
Square Bridge
50 Units/Box
KBPC2508W
Square Bridge
50 Units/Box
KBPC2510
Square Bridge
50 Units/Box
KBPC2510W
Square Bridge
50 Units/Box
KBPC2512
Square Bridge
50 Units/Box
KBPC2512W
Square Bridge
50 Units/Box
KBPC2514
Square Bridge
50 Units/Box
KBPC2514W
Square Bridge
50 Units/Box
KBPC2516
Square Bridge
50 Units/Box
KBPC2516W
Square Bridge
50 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, KBPC2500-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - KBPC2512

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
KBPC2512 NELLSEMI-KBPC2512 Datasheet
849Kb / 3P
   Single-Phase Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
KBPC2512 YFWDIODE-KBPC2512 Datasheet
562Kb / 3P
   25A HIGH CURRENT SINGLE-PHASE
logo
Diotec Semiconductor
KBPC2512F DIOTEC-KBPC2512F Datasheet
153Kb / 2P
   Silicon-Bridge Rectifiers
KBPC2512F DIOTEC-KBPC2512F Datasheet
138Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Semikron International
KBPC2512F/W SEMIKRON-KBPC2512F/W Datasheet
256Kb / 2P
   Silicon-Bridge Rectifiers
More results

Similar Description - KBPC2512

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC25S WTE-KBPC25S Datasheet
66Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250 Datasheet
21Kb / 3P
   25A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
MB2505W TAITRON-MB2505W Datasheet
143Kb / 4P
   25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A_06 Datasheet
76Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB2505 TAITRON-MB2505 Datasheet
143Kb / 4P
   25A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBJ25 NELLSEMI-KBJ25 Datasheet
1Mb / 3P
   Single-Phase Bridge Rectifier, 25A
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250_10 Datasheet
47Kb / 3P
   25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC25P WTE-KBPC25P Datasheet
55Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBPC25 NELLSEMI-KBPC25 Datasheet
1Mb / 3P
   Single-Phase Bridge Rectifier, 25A
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
   25A SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com