Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU800G Datasheet(PDF) 2 Page - Won-Top Electronics

Part # KBU800G
Description  8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBU800G Datasheet(HTML) 2 Page - Won-Top Electronics

  KBU800G Datasheet HTML 1Page - Won-Top Electronics KBU800G Datasheet HTML 2Page - Won-Top Electronics KBU800G Datasheet HTML 3Page - Won-Top Electronics KBU800G Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KBU800G – KBU810G
2 of 4
© 2006 Won-Top Electronics

0.1
1.0
10
100
0.6
0.8
1.0
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25C
Pulse width = 300 s
j
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Forward Surge Current
T = 125C
8.3 ms Single half-sine-wave
j
0.1
1.0
10
0
40
80
120
0.01
PERCENT OF PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100C
j
T = 25C
j
0
2
4
6
8
0
50
100
150
T , AMBIENT TEMPERATURE (C)
Fig. 1 Forward Current Derating Curve
A
Mounted on Al. Plate
12.7 mm lead length
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typ Junction Capacitance per element
R
0.1
T = 25C
j
f=1MHz


Similar Part No. - KBU800G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU800G WTE-KBU800G Datasheet
43Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU800G JGD-KBU800G Datasheet
138Kb / 2P
   SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBU800G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBU8A WTE-GBU8A_06 Datasheet
60Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
GBU8005 SMCDIODE-GBU8005 Datasheet
330Kb / 5P
   Single-Phase 8.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
KBPC800G WTE-KBPC800G_06 Datasheet
62Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A WTE-GBJ8A Datasheet
61Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
GBU8005G SMCDIODE-GBU8005G Datasheet
288Kb / 5P
   Single-Phase 8.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Shenzhen Luguang Electr...
GBU8005 LUGUANG-GBU8005 Datasheet
76Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005_1 Datasheet
75Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. 7 - 2
GBU8005 DIODES-GBU8005 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
DONGGUAN YOU FENG WEI E...
GBU801G YFWDIODE-GBU801G Datasheet
543Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HBS805 ZSELEC-HBS805 Datasheet
119Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com