Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU801 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # KBU801
Description  8.0A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBU801 Datasheet(HTML) 3 Page - Won-Top Electronics

  KBU801 Datasheet HTML 1Page - Won-Top Electronics KBU801 Datasheet HTML 2Page - Won-Top Electronics KBU801 Datasheet HTML 3Page - Won-Top Electronics KBU801 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KBU800 – KBU810
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
268 x 227 x 51
400
463 x 283 x 185
2,400
20.5
Note: 1. Paper box, white or brown color.
BULK
WTE
KBU
8xx
WTE
= Manufacturer’s Logo
KBU8xx
= Device Number
xx
= 00, 01, 02, 04, 06, 08 or 10
Polarity
= As Marked on Body
- AC +


Similar Part No. - KBU801

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU801 WTE-KBU801 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
KBU801 SAMYANG-KBU801 Datasheet
500Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diotech Company.
KBU801 DIOTECH-KBU801 Datasheet
764Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBU801 YFWDIODE-KBU801 Datasheet
478Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU801 JGD-KBU801 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBU801

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC800 WTE-KBPC800_06 Datasheet
60Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBPC800S WTE-KBPC800S Datasheet
43Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBJ8A WTE-KBJ8A_06 Datasheet
76Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU810 WTE-KBU810 Datasheet
44Kb / 4P
   8.0A SINGLE PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB805 TAITRON-TB805 Datasheet
180Kb / 4P
   8.0A Single-Phase Silicon Bridge Rectifier
logo
Won-Top Electronics
KBU800G WTE-KBU800G_06 Datasheet
52Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU8A WTE-GBU8A_06 Datasheet
60Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
GBU8005 SMCDIODE-GBU8005 Datasheet
330Kb / 5P
   Single-Phase 8.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
KBPC800G WTE-KBPC800G_06 Datasheet
62Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A WTE-GBJ8A Datasheet
61Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com