Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU801 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBU801
Description  8.0A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBU801 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBU801 Datasheet HTML 1Page - Won-Top Electronics KBU801 Datasheet HTML 2Page - Won-Top Electronics KBU801 Datasheet HTML 3Page - Won-Top Electronics KBU801 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBU800 – KBU810
1 of 4
© 2006 Won-Top Electronics
Pb
KBU800 – KBU810
8.0A SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Diffused Junction
A
!
Low Forward Voltage Drop
B
C
!
High Current Capability
D
!
High Reliability
!
High Surge Current Capability
K
L
!
Ideal for Printed Circuit Boards
- ~ ~ +
E
!
Recognized File # E157705
                       
J
Mechanical Data
G
!
Case: KBU, Molded Plastic
H
!
Terminals: Plated Leads Solderable per
M
MIL-STD-202, Method 208
!
Polarity: As Marked on Body
!
Weight: 8.0 grams (approx.)
!
Mounting Position: Any
!
Mounting Torque: 10 cm-kg (8.8 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
N
P
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBU
800
KBU
801
KBU
802
KBU
804
KBU
806
KBU
808
KBU
810
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 100°C
(Note 1)
IO
8.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
300
A
Forward Voltage per leg
@IF = 4.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
10
1.0
µA
mA
Typical Thermal Resistance per leg (Note 2)
RJA
18
°C/W
Typical Thermal Resistance per leg (Note 1)
RJC
3.0
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Mounted on 75 x 75 x 3.0mm Al. plate.
2. Mounted on PCB at 9.5mm lead length with 12mm2 copper pad.
WTE
POWER SEMICONDUCTORS
KBU
Dim
Min
Max
A
22.70
23.70
B
3.60
4.10
C
4.20
4.70
D
1.70
2.20
E
10.30
11.30
G
4.50
5.60
H
4.60
5.60
J
25.40
K
19.30
L
16.80
17.80
M
6.60
7.10
N
4.10
4.60
P
1.20
1.30
All Dimensions in mm


Similar Part No. - KBU801

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU801 WTE-KBU801 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
KBU801 SAMYANG-KBU801 Datasheet
500Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diotech Company.
KBU801 DIOTECH-KBU801 Datasheet
764Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBU801 YFWDIODE-KBU801 Datasheet
478Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU801 JGD-KBU801 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBU801

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC800 WTE-KBPC800_06 Datasheet
60Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBPC800S WTE-KBPC800S Datasheet
43Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBJ8A WTE-KBJ8A_06 Datasheet
76Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU810 WTE-KBU810 Datasheet
44Kb / 4P
   8.0A SINGLE PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB805 TAITRON-TB805 Datasheet
180Kb / 4P
   8.0A Single-Phase Silicon Bridge Rectifier
logo
Won-Top Electronics
KBU800G WTE-KBU800G_06 Datasheet
52Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU8A WTE-GBU8A_06 Datasheet
60Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
GBU8005 SMCDIODE-GBU8005 Datasheet
330Kb / 5P
   Single-Phase 8.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
KBPC800G WTE-KBPC800G_06 Datasheet
62Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A WTE-GBJ8A Datasheet
61Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com