Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACH220-12JC Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # MACH220-12JC
Description  High-Density EE CMOS Programmable Logic
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

MACH220-12JC Datasheet(HTML) 5 Page - Advanced Micro Devices

  MACH220-12JC Datasheet HTML 1Page - Advanced Micro Devices MACH220-12JC Datasheet HTML 2Page - Advanced Micro Devices MACH220-12JC Datasheet HTML 3Page - Advanced Micro Devices MACH220-12JC Datasheet HTML 4Page - Advanced Micro Devices MACH220-12JC Datasheet HTML 5Page - Advanced Micro Devices MACH220-12JC Datasheet HTML 6Page - Advanced Micro Devices MACH220-12JC Datasheet HTML 7Page - Advanced Micro Devices MACH220-12JC Datasheet HTML 8Page - Advanced Micro Devices MACH220-12JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AMD
5
MACH220-14/18/24 (Ind)
ORDERING INFORMATION
Industrial Products
Valid Combinations
The Valid Combinations table lists configurations
planned to be supported in volume for this device.
Consult the local AMD sales office to confirm availability
of specific valid combinations and to check on newly
released combinations.
AMD programmable logic products for industrial applications are available with several ordering options. The order number (Valid
Combination) is formed by a combination of:
OPERATING CONDITIONS
I = Industrial (–40
°C to +85°C)
FAMILY TYPE
MACH = Macro Array CMOS High-Speed
SPEED
-14 = 14.5 ns tPD
-18 = 18 ns tPD
-24 = 24 ns tPD
MACH220-14
MACH220-18
MACH220-24
MACH
-14
J
I
Valid Combinations
OPTIONAL PROCESSING
Blank = Standard Processing
220
DEVICE NUMBER
220 = 96 Macrocells, 68 Pins
PACKAGE TYPE
J = 68-Pin Plastic Leaded
Chip Carrier (PL 068)
JI


Similar Part No. - MACH220-12JC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH220-12JC LATTICE-MACH220-12JC Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH220-12JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH220-10 LATTICE-MACH220-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH211SP-7 AMD-MACH211SP-7 Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH110-12 LATTICE-MACH110-12 Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH130-15 LATTICE-MACH130-15 Datasheet
194Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH215-12 LATTICE-MACH215-12 Datasheet
245Kb / 30P
   High-Density EE CMOS Programmable Logic
MACHLV210-12 LATTICE-MACHLV210-12 Datasheet
221Kb / 29P
   High Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com